Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPSORION Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # GPSORION
Description  12 Channel GPS Receiver Design Product Brief
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GPSORION Datasheet(HTML) 4 Page - Mitel Networks Corporation

  GPSORION Datasheet HTML 1Page - Mitel Networks Corporation GPSORION Datasheet HTML 2Page - Mitel Networks Corporation GPSORION Datasheet HTML 3Page - Mitel Networks Corporation GPSORION Datasheet HTML 4Page - Mitel Networks Corporation GPSORION Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
GPS Orion PRODUCT BRIEF
NOTES:
1) COLD START:-
A cold start results when there is no valid Almanac or Ephemeris information available for the satellite
constellation in SRAM, or when the time and/or position information is NOT known (i.e starts at 0 in both
cases).
Also a cold start will be initiated if an Almanac is valid, but a fix cannot be achieved within 10 minutes of
power-up. This could occur if the receiver position has moved significantly since it was last powered-up, but
the position change and time are NOT initialised by the user
2) WARM START:- A warm start results when there is a valid Almanac, and the initial time and position are known in SRAM,
but the ephemeris is NOT valid (i.e more than 4 - 6 hours old).
3) HOT START:-
A hot start results when there is a valid Almanac, valid ephemeris (i.e. less than 4 - 6 hours old), and when
accurate time and position information are also known in SRAM (position error less than 100km, time error
less than 5 minutes). This can be simulated by a momentary Soft-Reset (i.e. press the push-button on the
GPS Orion interface Board).
Next step
The GPS Architect is available for designers who wish to develop the software further. This software, which supports the GP2000
chipset is available in both executable and source format, and is available for modification and/or embedding into the target
application. Purchase of a GPS Architect Development System provides optimum flexibility and control in the design approach
demonstrated by the GPS Orion, and includes a licence to modify the software and use it in embedded form with the target
application.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com