Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPFS320P Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPFS320P
Description  SURFACE MOUNT P . CHANNEL MOSKEY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPFS320P Datasheet(HTML) 1 Page - Microsemi Corporation

  UPFS320P Datasheet HTML 1Page - Microsemi Corporation UPFS320P Datasheet HTML 2Page - Microsemi Corporation UPFS320P Datasheet HTML 3Page - Microsemi Corporation UPFS320P Datasheet HTML 4Page - Microsemi Corporation UPFS320P Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSC 02-17-00
PRELIMINARY
UPFS320P
Features
• POWERMITE 3 Surface Mount Package
• MOSFET with Schottky Rectifier for reverse voltage blocking
• Single 3 leaded device replaces 2 individual components
• Integral Heat Sink / Locking Tabs
• Supplied in 16mm Tape and Reel – 6000 units/reel
• Superior Low Thermal and Electrical capability
Mechanical Characteristics
• Footprint Area of 16.51 mm2
• Case: Molded Epoxy
• Meets UL94VO at 1/8 inch
• Weight: 72 milligrams
• Lead and Mounting Temperatures: 260°°°°C max for 10 seconds
Description
Note: Vks = Vds (Mosfet) + Vf (Rectifier)
Absolute Maximum Ratings at 25°C
RATING
SYMBOL
VALUE
UNIT
Cathode-to-Source Voltage
VKSS
+/- 20
Vdc
Gate-to-Source Voltage
VGS
+/- 8
Vdc
Cathode Current:
Continuous @ TA=25
°°°°C
IK
3.0
Adc
Single Pulsed
IKM
11.0
Apk
Total Power Dissipation
PD (1)
2.0
Watts
Storage Temperature
T stg
-55 to 150
°°°°C
C
Operating Temperature
T op
-55 to 150
°°°°C
C
Thermal Characteristics
Thermal Resistance:
Junction to Tab
Rjtab
5
°°°°C/Watt
(1)Junction-to-tab
Rja (1)
60
°°°°C/Watt
(2)Junction-to-ambient
Rja (2)
120
°°°°C/Watt
(1) Mounted on 2” square by 0.06’ thick FR4 board with a 1” x1” square 2 ounce copper pattern.
(2) Mounted on 0.06 thick FR4 board, using recommended footprint, with 2 ounce copper
# 580 Pleasant Street
Watertown, MA 02472
Phone:(617) 926-0404
F A X : (617) 924-1235
SURFACE MOUNT
P – CHANNEL
MOSKEY
The MOSKEY
 combines a MOSFET with a Schottky Recti-
fier to provide reverse blocking capability in a single three
leaded package. This device is well suited for applications
such as battery chargers and switching where the intrinsic
source-drain diode is an undesirable feature.


Similar Part No. - UPFS320P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPFS120P MICROSEMI-UPFS120P Datasheet
235Kb / 3P
SURFACE MOUNT P - CHANNEL MOSKEY
More results

Similar Description - UPFS320P

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPFJ174 CENTRAL-CMPFJ174 Datasheet
59Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
logo
Weitron Technology
WT2301 WEITRON-WT2301 Datasheet
157Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WT9435M WEITRON-WT9435M Datasheet
427Kb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
WTU1333 WEITRON-WTU1333 Datasheet
3Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
logo
Microsemi Corporation
UPFS120P MICROSEMI-UPFS120P Datasheet
235Kb / 3P
SURFACE MOUNT P - CHANNEL MOSKEY
logo
Central Semiconductor C...
CMPF5460 CENTRAL-CMPF5460 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPF5460 CENTRAL-CMPF5460_15 Datasheet
63Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFET
CMPFJ174 CENTRAL-CMPFJ174_15 Datasheet
207Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL JFETS
CZDM0407P CENTRAL-CZDM0407P Datasheet
297Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL MOSFET
R2 January 28, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com