Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78L05CLPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L05CLPR
Description  關A78L00 Series Positive-Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLPR Datasheet(HTML) 1 Page - Texas Instruments

  UA78L05CLPR Datasheet HTML 1Page - Texas Instruments UA78L05CLPR Datasheet HTML 2Page - Texas Instruments UA78L05CLPR Datasheet HTML 3Page - Texas Instruments UA78L05CLPR Datasheet HTML 4Page - Texas Instruments UA78L05CLPR Datasheet HTML 5Page - Texas Instruments UA78L05CLPR Datasheet HTML 6Page - Texas Instruments UA78L05CLPR Datasheet HTML 7Page - Texas Instruments UA78L05CLPR Datasheet HTML 8Page - Texas Instruments UA78L05CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PK PACKAGE
(TOP VIEW)
INPUT
COMMON
OUTPUT
LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
NC – No internal connection
μA78L00
www.ti.com
SLVS010U – JANUARY 1976 – REVISED MAY 2011
μA78L00 Series Positive-Voltage Regulators
Check for Samples:
μA78L00
1
FEATURES
DESCRIPTION
This series of fixed-voltage integrated-circuit voltage
•
3-Terminal Regulators
regulators
is
designed
for
a
wide
range
of
•
Output Current up to 100 mA
applications.
These
applications
include
on-card
•
No External Components
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
•
Internal Thermal-Overload Protection
addition, they can be used with power-pass elements
•
Internal Short-Circuit Current Limiting
to make high-current voltage regulators. One of these
regulators can deliver up to 100 mA of output current.
The internal limiting and thermal-shutdown features of
these regulators essentially make them immune to
overload. When used as a replacement for a Zener
diode-resistor combination, an effective improvement
in output impedance can be obtained, together with
lower bias current.
The
μA78L00C and μA78L00AC series devices are
characterized for operation over the virtual junction
temperature range of 0°C to 125°C. The
μA78L05AI
device is characterized for operation over the virtual
junction temperature range of
−40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1976–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UA78L05CLPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78L05CLPR TI-UA78L05CLPR Datasheet
366Kb / 20P
POSITIVE-VOLTAGE REGULATORS
UA78L05CLPR TI-UA78L05CLPR Datasheet
534Kb / 21P
POSITIVE-VOLTAGE REGULATORS
UA78L05CLPR TI-UA78L05CLPR Datasheet
632Kb / 25P
POSITIVE-VOLTAGE REGULATORS
UA78L05CLPR TI-UA78L05CLPR Datasheet
658Kb / 26P
POSITIVE-VOLTAGE REGULATORS
UA78L05CLPR TI-UA78L05CLPR Datasheet
707Kb / 27P
POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78L05CLPR

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78L05 TI-UA78L05 Datasheet
1Mb / 27P
關A78L00 Series Positive-Voltage Regulators
UA78L00 TI-UA78L00 Datasheet
1Mb / 27P
關A78L00 Series Positive-Voltage Regulators
UA78L02A TI-UA78L02A_15 Datasheet
1Mb / 27P
關A78L00 Series Positive-Voltage Regulators
UA78L06A TI-UA78L06A_15 Datasheet
1Mb / 27P
關A78L00 Series Positive-Voltage Regulators
UA78M05 TI-UA78M05_15 Datasheet
1Mb / 29P
關A78Mxx Positive-Voltage Regulators
UA7808_15 TI-UA7808_15_15 Datasheet
1Mb / 29P
關A78xx Fixed Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com