Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6461CS Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 17Page - Micro Linear Corporation ML6461CS Datasheet HTML 18Page - Micro Linear Corporation ML6461CS Datasheet HTML 19Page - Micro Linear Corporation ML6461CS Datasheet HTML 20Page - Micro Linear Corporation ML6461CS Datasheet HTML 21Page - Micro Linear Corporation ML6461CS Datasheet HTML 22Page - Micro Linear Corporation ML6461CS Datasheet HTML 23Page - Micro Linear Corporation ML6461CS Datasheet HTML 24Page - Micro Linear Corporation ML6461CS Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ML6461
21
FUNCTIONAL DESCRIPTION (Continued)
CC_284, B18 This bit enables (B18=1) and disables
(B18=0) the transmission of closed caption data on line
284.
FSYNC, B17 This bit enables (B17=1) and disables
(B17=0) frame syncing.
OVERLAY_ON, B16 This bit enables (B16=1) and
disables (B17=0) the PHERR pin to be used as an
interface to set the internal subcarrier oscillator’s phase
and frequency.
SENSE_HSYNC, B15 This bit selects the polarity of the
HSYNC active edge to a rising edge (if B15=1) or a falling
edge (if B15=0). This bit is active in master modes or in
external slave modes. In internal slave modes HSYNC is
configured as an output to be used for monitoring
purposes. The polarity is still affected by this bit.
SEL_HSYNC1, B14 This bit, in conjunction with
SEL_HSYNC0 (B13), is used to facilitate pixel
synchronization. Figures 4, 5, 7, and 8 provide a detailed
description. This bit is only active in master modes or in
external slave modes. This bit is de-activated in internal
slave modes.
SEL_HSYNC0, B13 This bit, in conjunction with
SEL_HSYNC1 (B14), is used to facilitate pixel
synchronization. Figures Figures 4, 5, 7, and 8 provide a
detailed description. This bit is only active in master
modes or in external slave modes. This bit is de-activated
in internal slave modes.
SWITCH_UV, B12 This bit is used to switch Cr and Cb
internally when set (B12=1). This bit is cleared (B12=0)
for normal operation. This bit is intended for debug
purposes only. If used, there may be some slight artifacts
at the end of active line.
SWITCH_FIELD, B11 This bit is used to switch even/odd
fields when set (B11=1). This bit is cleared (B12=0) for
normal operation. This bit is only active in internal slave
mode.
SENSE_VSYNC, B10 This bit selects the polarity of the
VSYNC active edge to a rising edge (if B10=1) or a falling
edge (if B10=0). In internal slave modes VSYNC is
configured as an output to be used for monitoring
purposes. The polarity is still affected by this bit.
FLD_FRM_MODE, B9 When set (B9=1), it causes the
ML6461 FIELD pin to give analog field information if the
FIELD pin is configured as an output (see B8). When
cleared (B9=0), it causes the field pin to give odd/even
field information if the FIELD pin is configured as an
output (see B8).
FRAME_MODE, B8 This bit configures the FIELD pin of
the ML6461 as an input (if B8=1) or as an output (if
B8=0).
YDEL1, B7 This bit, in conjunction with YDEL0 (B6), is
used to select luma delay in order to align luma and
chroma data. See Table 5.
YDEL0, B6 This bit, in conjunction with YDEL1 (B7), is
used to select luma delay in order to align luma and
chroma data. See Table 5.
BURST_ON, B5 When active (B5=1) this bit provides
burst at all times for testing purposes only. For normal
operation this bit is cleared (B5=0).
ACTIVE_ON, B4 When active (B4=1) this bit eliminates
horizontal and vertical blanking intervals. Burst is
suppressed. For testing purposes only. For normal
operation this bit is cleared (B4=0).
FIX_SCH, B3 When active (B3=1) this bit maintains SCH
phase. In this condition known as a “coherent
subcarrier” such that the subcarrier has a known phase
relative to the active edge of HSYNC pulse. When this
bit is cleared (B3=0), the subcarrier generation block is in
free run mode. This condition is known as “incoherent
subcarrier” where the phase of the subcarrier relative to
the HSYNC is not fixed.
CC_ALL, B2 When active (B2=1) this bit enables closed
caption transmission on every line. For testing purposes
only. For normal operation this bit is cleared (B2=0) and
closed caption is enabled through control register bits
CC_21 (B19) and CC_284 (B18).
SUBCARRIER_OFF, B1 When active (B1=1) this bit
disables the internal subcarrier oscillator. Used for test
purposes only. For normal operation this bit is cleared
(B1=0).
AC_DC, B0 This bit configures the output buffers for AC
coupled drive (if B0=1) and DC couple drive (if B0=0).
Table 5. Luma Delay Selection
YDEL1
YDEL0
OPERATION
(B7)
(B6)
0
0
Normal
0
1
Delay Luma Channel by 1 TCLK
1
0
Advance Luma Channel by 1 TCLK
1
1
Advance Luma Channel by 2 TCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com