Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS85 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BAS85
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BAS85 Datasheet(HTML) 2 Page - Unisonic Technologies

  BAS85 Datasheet HTML 1Page - Unisonic Technologies BAS85 Datasheet HTML 2Page - Unisonic Technologies BAS85 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS85
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-015.B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Reverse Voltage
VR
30
V
Continuous Forward Current @ TA=25°C (Note 1)
IF
200
mA
Peak Forward Current @ TA=25°C (Note 1)
IFM
300
mA
Non-Repetitive Peak Forward Current
@ tp<1s, TA=25°C (Note 1)
IFSM
5
A
Power Dissipation @ TA=65°C (Note 1)
PD
200
mW
Junction Temperature
TJ
125
°C
Operating Ambient Temperature
TA
-55~+125
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
430
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
VR
30
V
Forward Voltage (Note 2)
VF
IF=0.1mA
0.24
V
IF=1mA
0.32
V
IF=10mA
0.4
V
IF=30mA
0.5
V
IF=100mA
0.8
V
Leakage Current
IR
VR=25V
2.0
μA
Reverse Recovery Time
trr
IF=10mA,IR=10mA, IR=1mA
5
ns
Junction Capacitance
CJ
f=1MHz, VR=1V
10
pF
Notes: 1. Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
2. Pulsed test: tP<300μs; δ<2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com