Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC664 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC664
Description  SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC664 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC664 Datasheet HTML 10Page - Microchip Technology TC664 Datasheet HTML 11Page - Microchip Technology TC664 Datasheet HTML 12Page - Microchip Technology TC664 Datasheet HTML 13Page - Microchip Technology TC664 Datasheet HTML 14Page - Microchip Technology TC664 Datasheet HTML 15Page - Microchip Technology TC664 Datasheet HTML 16Page - Microchip Technology TC664 Datasheet HTML 17Page - Microchip Technology TC664 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
TC664/TC665
DS21737A-page 14
 2002 Microchip Technology Inc.
their default power up states. The Configuration Regis-
ter and the FAN_FAULT Register maintain the states
they were in prior to the device being put into the shut-
down mode. Since these are the registers which control
the parts operation, the part does not have to be repro-
grammed for operation when it comes out of shutdown
mode.
4.10
SMBus Interface (SCLK & SDA)
The TC664/TC665 feature an industry standard, 2-wire
serial interface with factory-set addresses. By commu-
nicating with the TC664/TC665 device's registers,
functions like PWM duty cycle, low power shutdown
mode and fan RPM threshold can be controlled. Critical
information, such as fan fault, over temperature and fan
RPM, can also be obtained via the device data regis-
ters. The available data and control registers make the
TC664/TC665 devices very flexible and easy to use. All
of the available registers are detailed in Section 6.0.
4.11
SMBus Slave Address
The slave address of the TC664/TC665 devices is
0011 011
. This is a fixed address. This address is dif-
ferent from industry-standard digital temperature sen-
sors (like the TCN75) and, therefore, allows the TC664/
TC665 to be utilized in systems in conjunction with
these
components.
Please
contact
Microchip
Technology if alternate addresses are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com