| Electronic Components Datasheet Search |
|
PIC16LC925T-S/CL Datasheet(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC925T-S/CL Datasheet(HTML) 82 Page - Microchip Technology |
|
82 / 182 page ![]() PIC16C925/926 DS39544A-page 80 Preliminary 2001 Microchip Technology Inc. 10.3 Configuring Analog Port Pins The ADCON1 and TRIS registers control the operation of the A/D port pins. The port pins that are desired as analog inputs must have their corresponding TRIS bits set (input). If the TRIS bit is cleared (output), the digital output level (VOH or VOL) will be converted. The A/D operation is independent of the state of the CHS<2:0> bits and the TRIS bits. 10.4 A/D Conversions Clearing the GO/DONE bit during a conversion will abort the current conversion. The A/D result register pair will NOT be updated with the partially completed A/D conversion sample. That is, the ADRESH:ADRESL registers will continue to contain the value of the last completed conversion (or the last value written to the ADRESH:ADRESL registers). After the A/D conversion is aborted, a 2TAD wait is required before the next acquisition is started. After this 2TAD wait, acquisition on the selected channel is automatically started. After this, the GO/DONE bit can be set to start the conversion. In Figure 10-3, after the GO bit is set, the first time seg- ment has a minimum of TCY and a maximum of TAD. FIGURE 10-3: A/D CONVERSION TAD CYCLES 10.4.1 A/D RESULT REGISTERS The ADRESH:ADRESL register pair is the location where the 10-bit A/D result is loaded at the completion of the A/D conversion. This register pair is 16-bits wide. The A/D module gives the flexibility to left or right justify the 10-bit result in the 16-bit result register. The A/D Format Select bit (ADFM) controls this justification. Figure 10-4 shows the operation of the A/D result justi- fication. The extra bits are loaded with ’0’s’. When an A/D result will not overwrite these locations (A/D dis- able), these registers may be used as two general pur- pose 8-bit registers. Note 1: When reading the port register, any pin configured as an analog input channel will read as cleared (a low level). Pins config- ured as digital inputs will convert an ana- log input. Analog levels on a digitally configured input will not affect the conver- sion accuracy. 2: Analog levels on any pin that is defined as a digital input (including the AN<4:0> pins), may cause the input buffer to con- sume current that is out of the device specifications. Note: The GO/DONE bit should NOT be set in the same instruction that turns on the A/D. TAD1 TAD2 TAD3 TAD4 TAD5 TAD6 TAD7 TAD8 TAD9 Set GO bit Holding capacitor is disconnected from analog input (typically 100 ns) b9 b8 b7 b6 b5 b4 b3 b2 TAD10 TAD11 b1 b0 TCY to TAD Conversion Starts ADRES is loaded, GO bit is cleared, ADIF bit is set, holding capacitor is connected to analog input. A 2TAD wait is necessary before the next acquisition is started. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |