Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60021 Datasheet(PDF) 2 Page - Microchip Technology

Part # 60021
Description  1 MHz Bandwidth Low Power Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

60021 Datasheet(HTML) 2 Page - Microchip Technology

  60021 Datasheet HTML 1Page - Microchip Technology 60021 Datasheet HTML 2Page - Microchip Technology 60021 Datasheet HTML 3Page - Microchip Technology 60021 Datasheet HTML 4Page - Microchip Technology 60021 Datasheet HTML 5Page - Microchip Technology 60021 Datasheet HTML 6Page - Microchip Technology 60021 Datasheet HTML 7Page - Microchip Technology 60021 Datasheet HTML 8Page - Microchip Technology 60021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MCP6001/2/4
DS21733D-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD - VSS .........................................................................7.0V
All Inputs and Outputs ...................... VSS -0.3V to VDD +0.3V
Difference Input Voltage ....................................... |VDD - VSS|
Output Short Circuit Current ..................................continuous
Current at Input Pins ....................................................±2 mA
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ....................................-65°C to +150°C
Maximum Junction Temperature (TJ) ..........................+150°C
ESD Protection On All Pins (HBM;MM)
............... ≥ 4 kV; 200V
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
DC ELECTRICAL SPECIFICATIONS
Name
Function
VIN+, VINA+, VINB+, VINC+,
VIND+
Non-inverting Inputs
VIN–, VINA–, VINB–, VINC–,
VIND
Inverting Inputs
VDD
Positive Power Supply
VSS
Negative Power Supply
VOUT, VOUTA, VOUTB,
VOUTC, VOUTD
Outputs
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, RL = 10 kΩ
to VDD/2, and VOUT ~VDD/2.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-7.0
+7.0
mV
VCM = VSS
Input Offset Drift with Temperature
∆VOS/∆TA
—±2.0
µV/°C
TA= -40°C to +125°C,
VCM = VSS
Power Supply Rejection
PSRR
86
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current:
IB
—±1.0
pA
Industrial Temperature
IB
—19
pA
TA = +85°C
Extended Temperature
IB
—1100
pA
TA = +125°C
Input Offset Current
IOS
—±1.0
pA
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||3
Ω||pF
Common Mode
Common Mode Input Range
VCMR
VSS − 0.3
VDD + 0.3
V
Common Mode Rejection Ratio
CMRR
60
76
dB
VCM = -0.3V to 5.3V, VDD = 5V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
88
112
dB
VOUT = 0.3V to VDD - 0.3V,
VCM =VSS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 25
VDD − 25
mV
VDD = 5.5V
Output Short-Circuit Current
ISC
—±6
mA
VDD = 1.8V
—±23
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current per Amplifier
IQ
50
100
170
µA
IO = 0, VDD = 5.5V, VCM = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com