Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451P Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP451P
Description  13.56 MHz Read/Write Passive RFID Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451P Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP451P Datasheet HTML 34Page - Microchip Technology MCP451P Datasheet HTML 35Page - Microchip Technology MCP451P Datasheet HTML 36Page - Microchip Technology MCP451P Datasheet HTML 37Page - Microchip Technology MCP451P Datasheet HTML 38Page - Microchip Technology MCP451P Datasheet HTML 39Page - Microchip Technology MCP451P Datasheet HTML 40Page - Microchip Technology MCP451P Datasheet HTML 41Page - Microchip Technology MCP451P Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
MCRF450/451/452/455
DS40232H-page 38
 2003 Microchip Technology Inc.
EXAMPLE 9-3:
TO WRITE DATA INTO THE DEVICE
The Interrogator command structure for writing (see Section 6.2.1 “Structure of Read/ Write Command Signals”) is:
Calibration pulse + Writing Command (MSN first) + Address (MSN first) + Data (LSN first) + Parity/CRC (LSN first)
If the Interrogator wants to write data “0123cdef (hex, MSB to LSB)” to Block 5, the following message will be sent:
Calibration pulse + Write Command (MSN first) + Address (MSN first) + Data (LSN first) + Parity/CRC (LSN first)
= Cal. pulse + 101 (Write command) + 00101 (address) + f e d c 3 2 1 0 (data, hex) + CRC
= Calibration pulse + a 5 f e d c 3 2 1 0 6 0 2 e (hex string)
The hex string above is encoded with the 1-of-16 PPM signals. See Figure 6-10 for the 1-of-16 PPM representation of
hex values.
Referring to Figure 6-10, the gap positions in the 1-of-16 PPM for the above hex string are:
Positions 10 (a), 5 (5), 15 (f), 14 (e), 13 (d), 12 (c), 3 (3), 2 (2), 1 (1), 0 (0), 6 (6), 0 (0), 2 (2), e (14).
Device Response:
1.
If writing is completed: The device sends the written data after 5 msec of EEPROM writing time.
2.
If writing is failed due to insufficient programming voltage for unprotected block: The device sends the current
block data after about 500
µsec of delay.
3.
If writing is failed because the block is write-protected block: The device sends the current block data immediately
after the command.
4.
If writing is failed due to incorrect CRC: The device does not respond at all.
FIGURE 9-1:
FLOW CHART FOR THE DEVICE RESPONSE TO THE WRITE COMMAND
Note:
CRC = CRC for the Write command, address, and data. Calibration pulse is not included for the CRC
calculation. See Application Note AN752 (DS00752) for the CRC calculation algorithm.
Wait for
Command
Received
Write Command?
Is CRC
Correct?
Read and Send
Block Data
EEPROM
Start High Voltage
and Wait for about
500
µsec
Have sufficient
Write EEPROM
Data (5 msec)
Yes
No
Yes
Yes
Yes
No
No
No
Is the Block
Write-Protected?
programming?
High Voltage for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com