Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC774 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16LC774
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC774 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16LC774 Datasheet HTML 1Page - Microchip Technology PIC16LC774 Datasheet HTML 2Page - Microchip Technology PIC16LC774 Datasheet HTML 3Page - Microchip Technology PIC16LC774 Datasheet HTML 4Page - Microchip Technology PIC16LC774 Datasheet HTML 5Page - Microchip Technology PIC16LC774 Datasheet HTML 6Page - Microchip Technology PIC16LC774 Datasheet HTML 7Page - Microchip Technology PIC16LC774 Datasheet HTML 8Page - Microchip Technology PIC16LC774 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 3
Key Features
PICmicro™ Mid-Range Reference Manual
(DS33023)
PIC16C773
PIC16C774
Operating Frequency
DC - 20 MHz
DC - 20 MHz
Resets (and Delays)
POR, BOR, MCLR, WDT
(PWRT, OST)
POR, BOR, MCLR, WDT
(PWRT, OST)
Program Memory (14-bit words)
4K
4K
Data Memory (bytes)
256
256
Interrupts
13
14
I/O Ports
Ports A,B,C
Ports A,B,C,D,E
Timers
3
3
Capture/Compare/PWM modules
2
2
Serial Communications
MSSP, USART
MSSP, USART
Parallel Communications
—
PSP
12-bit Analog-to-Digital Module
6 input channels
10 input channels
Instruction Set
35 Instructions
35 Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com