Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM140LAH5.0/883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH5.0/883
Description  LM140LQML Series 3-Terminal Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM140LAH5.0/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM140LAH5.0/883 Datasheet HTML 1Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 2Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 3Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 4Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 5Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 6Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 7Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 8Page - Texas Instruments LM140LAH5.0/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LM140LQML
SNVS381A – MARCH 2006 – REVISED MAY 2013
www.ti.com
LM140LA-5.0 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. DC: VI = 10V, IL = 40mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IQ
4.5
mA
1
Quiescent Current
4.2
mA
2
VO
4.9
5.1
V
1
VI = 20V, IL = 5mA
4.8
5.2
V
1, 2, 3
Output Voltage
VI = 20V, IL = 100mA
4.8
5.2
V
1, 2, 3
VI = 7.2V, IL = 5mA
4.8
5.2
V
1, 2, 3
VI = 7.2V, IL = 100mA
4.8
5.2
V
1, 2, 3
RLoad
5mA
≤ IL ≤ 40 mA
-20
20
mV
1
Load Regulation
5mA
≤ IL ≤ 100mA
-40
40
mV
1
RLine
IL = 100mA, 7.5V ≤ VI ≤ 25V
-30
30
mV
1
Line Regulation
7V
≤ VI ≤ 25V
-30
30
mV
1
ΔIQ
5mA
≤ IL ≤ 40mA
-0.1
0.1
mA
1, 2, 3
Quiescent Current Change
7.5V
≤ VI ≤ 35V
-0.5
0.5
mA
1
LM140LA-5.0 Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
ƒ = 120Hz, eI = 1VRMS
55
dB
4
LM140LA-12 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. DC: VI = 19V, IL = 40mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IQ
4.5
mA
1
Quiescent Current
4.2
mA
2
VO
11.75
12.25
V
1
VI = 27V, IL = 5mA
11.5
12.5
V
1, 2, 3
Output Voltage
VI = 27V, IL = 100mA
11.5
12.5
V
1, 2, 3
VI = 14.5V, IL = 5mA
11.5
12.5
V
1, 2, 3
VI = 14.5V, IL = 100mA
11.5
12.5
V
1, 2, 3
RLoad
5mA
≤ IL ≤ 40mA
-40
40
mV
1
Load Regulation
5mA
≤ IL ≤ 100mA
-80
80
mV
1
RLine
IL = 100mA, 14.5V ≤ VI ≤ 30V
-65
65
mV
1
Line Regulation
14.2V
≤ VI ≤ 30V
-65
65
mV
1
ΔIQ
5mA
≤ IL ≤ 40mA
-0.1
0.1
mA
1, 2, 3
Quiescent Current Change
14.3V
≤ VI ≤ 35V
-0.5
0.5
mA
1
LM140LA-12 Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
ƒ = 120Hz, eI = 1VRMS
47
dB
4
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM140LQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com