Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP451WFB Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP451WFB
Description  13.56 MHz Read/Write Passive RFID Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP451WFB Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP451WFB Datasheet HTML 17Page - Microchip Technology MCP451WFB Datasheet HTML 18Page - Microchip Technology MCP451WFB Datasheet HTML 19Page - Microchip Technology MCP451WFB Datasheet HTML 20Page - Microchip Technology MCP451WFB Datasheet HTML 21Page - Microchip Technology MCP451WFB Datasheet HTML 22Page - Microchip Technology MCP451WFB Datasheet HTML 23Page - Microchip Technology MCP451WFB Datasheet HTML 24Page - Microchip Technology MCP451WFB Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
 2003 Microchip Technology Inc.
DS40232H-page 21
MCRF450/451/452/455
6.2.2
STRUCTURE OF DEVICE
RESPONSE
When the device receives the Interrogator command, it
responds with 70 kHz Manchester encoded data
having the following structures:
Device Response to FRR Command: Preamble (8
bits) + TC (3 bits) + TP (4 bits) + ‘0’ + 32 bits of Tag ID
(Block 1 data) + FRF data (32 - 96 bits) + Calculated
CRC (SCRC, 16 bits) of Tag ID and FRF data = 96 - 160
bits depending on FRF data length.
Note: The preamble + TC + TP + ‘0’ are not included
for the CRC calculation.
Device Response to FRB Command: Preamble (8
bits) + ‘00001’ + ‘000’ + 32 bits of Tag ID (Block 1 data)
+ Stored CRC (SCRC, 16 bits) of Block 1 = 64 bits.
Device Response of Interrogator’s Read command
for Blocks 0 and 2:
Preamble (8 bits) + Block Number (5 bits) + ‘000’ +
Block Data (32 bits) + Calculated 16 bit CRC (CCRC).
Note: The CCRC is calculated by using block number
and block data only. Preamble and ‘000’ are not
included in the CRC calculation.
Device Response of Interrogator’s Read Command
for all other blocks:
Device Response = Preamble (8 bits) + Block Number
(5 bits) + ‘000’ + Block Data (32 bits) + Stored CRC
(SCRC, 16 bits) in the same block.
TABLE 6-3:
INTERROGATOR COMMANDS AND DEVICE RESPONSES
Interrogator Command
Delay
Device Response
Read Block 0 and Block 2
data
TDECODE
Preamble, block #, ‘000’, block data, CCRC
Read block data except for
Block 0 and Block 2
TDECODE
Preamble, block #, ‘000’, block data, SCRC
Write block data
TWRITE
For Blocks 0 and 2: Preamble, block #, ‘000’, block data, CCRC
For all others: Preamble, block #, ‘000’, block data, SCRC
Set Fast Read (FR) bit
T
WRITE
Preamble, 1 byte ‘0’s, Block 0 data, CCRC
Clear Fast Read (FR) bit
T
WRITE
Preamble, 1 byte ‘0’s, Block 0 data, CCRC
Set Talk First (TF) bit
T
WRITE
Preamble, 1 byte ‘0’s, Block 0 data, CCRC
Clear Talk First (TF) bit
T
WRITE
Preamble, 1 byte ‘0’s, Block 0 data, CCRC
End Process (EP)
TDECODE
Preamble
FRR
f(TSMAX, TCMAX, 8-bit Tag ID) Preamble,TC, TP, ‘0’, Tag ID, FRF, FRR_CCRC
FRB
T
DECODE
Preamble, address of block #1 (‘00001’), ‘000’, Tag ID (32 bits),
SCRC of Block 1
References used in this table are as follows:
Preamble = 11111110 (8 bits).‘0’ is transmitted last.
Block # = 5 bit addressed block, transmits Least Significant bit (LSb) first.
Block data = 32-bit data of the addressed block, transmits LSb first.
CCRC = Calculated CRC of the preceding block number and block data. Transmits LSb first.
SCRC = Stored CRC. This SCRC is the CRC of the Write command, address, and data from the Interrogator, LSb first. The device
stores the received CRC for each block. See Section 7.2 “Stored CRC (SCRC) Memory Section” for details.
FRR_CRC = Calculated CRC of 32-bit Tag ID and fast read field (FRF) data.
TP = Tag parameters (4 bits: ‘0’, DF0, DF1, parity). where DF0 and DF1 determine the FR field length (see Table 7-6).
TC = Transmission counter (3 bits), transmits LSb first.
Parity = Even parity bit of TC and TP.
Tag ID = 32 bits of unique identification code of the device, transmits LSb first. This Tag ID is preprogrammed in the factory prior to
shipping.
8-bit Tag ID = 8 bits of Tag ID selected from the 32 bits of the unique tag identification code. Transmits LSb first (see Section 6.2.3.6
“Calculation Of Matching Code” for selecting the 8 bits from the Tag ID).
FRF = Fast Read Field (Blocks 3-5), transmits LSb first (see Section 7.0 “Memory Section”).
f(TSMAX, TCMAX, 8-bit Tag ID = Delay is a function of the TSMAX, TCMAX and 8-bit Tag ID.
T
WRITE = Writing time for EEPROM (see Table 2-3).
T
DECODE = Time requirement for command decoding (see Table 2-3).
Examples are given in Section 9.0 “Examples”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com