Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C01SC Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C01SC
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC Datasheet(HTML) 2 Page - Microchip Technology

  24C01SC Datasheet HTML 1Page - Microchip Technology 24C01SC Datasheet HTML 2Page - Microchip Technology 24C01SC Datasheet HTML 3Page - Microchip Technology 24C01SC Datasheet HTML 4Page - Microchip Technology 24C01SC Datasheet HTML 5Page - Microchip Technology 24C01SC Datasheet HTML 6Page - Microchip Technology 24C01SC Datasheet HTML 7Page - Microchip Technology 24C01SC Datasheet HTML 8Page - Microchip Technology 24C01SC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
24C01SC/02SC
DS21170A-page 2
Preliminary
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Maximum Ratings*
VCC........................................................................ 7.0V
All inputs and outputs w.r.t. VSS...... -0.6V to VCC +1.0V
Storage temperature ...........................-65˚C to +150˚C
Ambient temp. with power applied.......-65˚C to +125˚C
ESD protection on all pads
.....................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PAD FUNCTION TABLE
Name
Function
VSS
SDA
SCL
VCC
DC
Ground
Serial Address/Data I/O
Serial Clock
+4.5V to 5.5V Power Supply
Don’t connect
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +4.5V to +5.5V
Commercial (C): Tamb =
0˚C to +70˚C
Parameter
Symbol
Min.
Max.
Units
Conditions
SCL and SDA pads:
High level input voltage
VIH
.7 VCC
——
Low level input voltage
VIL
.3 VCC
V
Hysteresis of Schmidt trigger inputs
VHYS
.05 VCC
V
(Note)
Low level output voltage
VOL
.40
V
IOL = 3.0 mA, VCC = 4.5V
Input leakage current (SCL)
ILI
-10
10
µAVIN = .1V to 5.5V
Output leakage current (SDA)
ILO
-10
10
µAVOUT = .1V to 5.5V
Pin capacitance (all inputs/outputs)
CIN,
COUT
—10
pF
VCC = 5.0V (Note 1)
Tamb = 25˚C, FCLK = 1 MHz
Operating current
ICC Write
3
mA
VCC = 5.5V
ICC Read
1
mA
Vcc = 5.5V, SCL = 400 KHz
Standby current
ICCS
100
µAVCC = 5.5V, SDA = SCL = VCC
Note:
This parameter is periodically sampled and not 100% tested.
SCL
SDA
TSU:STA
THD:STA
START
STOP
VHYS
TSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com