Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM2575BWM
Description  52kHz Simple 1A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM2575BWM Datasheet HTML 1Page - Micrel Semiconductor LM2575BWM Datasheet HTML 2Page - Micrel Semiconductor LM2575BWM Datasheet HTML 3Page - Micrel Semiconductor LM2575BWM Datasheet HTML 4Page - Micrel Semiconductor LM2575BWM Datasheet HTML 5Page - Micrel Semiconductor LM2575BWM Datasheet HTML 6Page - Micrel Semiconductor LM2575BWM Datasheet HTML 7Page - Micrel Semiconductor LM2575BWM Datasheet HTML 8Page - Micrel Semiconductor LM2575BWM Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M9999-042205
2
April 2005
LM2575
Micrel, Inc.
Part Number‡
Temperature
Standard
Pb-Free
Range
Package
LM2575BN*
Contact Factory
–40°C to +85 °C
16-pin Plastic DIP
LM2575-3.3BN
Contact Factory
–40°C to +85 °C
16-pin Plastic DIP
LM2575-5.0BN
Contact Factory
–40°C to +85 °C
16-pin Plastic DIP
LM2575-12BN
Contact Factory
–40°C to +85 °C
16-pin Plastic DIP
LM2575BWM*
LM2575YWM*
–40°C to +85°C
24-pin Wide SOIC
LM2575-3.3BWM
LM2575-3.3YWM
–40°C to +85°C
24-pin Wide SOIC
LM2575-5.0BWM
LM2575-5.0YWM
–40°C to +85°C
24-pin Wide SOIC
LM2575-12BWM
LM2575-12YWM
–40°C to +85°C
24-pin Wide SOIC
LM2575BT*†
LM2575WT*/**
–40°C to +85°C
5-lead TO-220
LM2575-3.3BT†
LM2575-3.3WT**
–40°C to +85°C
5-lead TO-220
LM2575-5.0BT†
LM2575-5.0WT**
–40°C to +85°C
5-lead TO-220
LM2575-12BT†
LM2575-12WT**
–40°C to +85°C
5-lead TO-220
LM2575BU*
LM2575WU*/**
–40°C to +85°C
5-lead TO-263
LM2575-3.3BU
LM2575-3.3WU**
–40°C to +85°C
5-lead TO-263
LM2575-5.0BU
LM2575-5.0WU**
–40°C to +85°C
5-lead TO-263
LM2575-12BU
LM2575-12WU**
–40°C to +85°C
5-lead TO-263
* Adjustable output regulators.
**Pb-Free RoHS compliant with "hot-melting solder" exemption.
† Contact factory for bent or staggered leads option.
1
PWR GND
2
NC
3
NC
4
NC
5
NC
6
NC
7
FB
8
SIG GND
24
NC
23
NC
22
NC
21
NC
20
NC
19
NC
18
OUTPUT
17
OUTPUT
24-LEAD SOIC (WM)
9
NC
10
ON/OFF
11
NC
12
PWR GND
16
NC
15
VIN
14
VIN
13
NC
Pin Configurations
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-220 (T)
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-263 (U)
1
NC
2
NC
3
OUTPUT
4
NC
5
GND
6
NC
7
FB
8
NC
16
VIN
15
NC
14
GND
13
GND
12
GND
11
GND
10
NC
9
ON/OFF
16-LEAD DIP (N)
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com