| Electronic Components Datasheet Search |
|
U74LVC563L-P20-R Datasheet(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74LVC563L-P20-R Datasheet(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() U74LVC563 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R502-681.A ABSOLUTE MAXIMUM RATING (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5~6.5 V Input Voltage VIN -0.5~6.5 V Output Voltage (any output in the high-impedance or power-off state) VOUT -0.5~6.5 V Output Voltage (any output in the high or low state) VOUT -0.5~VCC+0.5 V Input Clamp Current IIK -50 mA Output Clamp Current IOK -50 mA Output Current IOUT ±50 mA VCC or GND Current ICC ±100 mA Storage Temperature TSTG -65 ~ +150 °C Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING COMDITIONS PARAMETER SYMBOL CONDITIONS MIN MAX UNIT Supply Voltage VCC Operating 1.65 3.6 V Data retention only 1.5 High-Level Input Voltage VIH VCC = 1.65V to 1.95V 0.65* VCC V VCC = 2.3V to 2.7V 1.7 VCC = 2.7V to 3.6V 2 Low-Level Input Voltage VIL VCC = 1.65V to 1.95V 0.35* VCC V VCC = 2.3V to 2.7V 0.7 VCC = 2.7V to 3.6V 0.8 Input Voltage VIN 0 5.5 V Output Voltage VOUT High or low state 0 VCC V 3 state 0 5.5 High-Level Output Current IOH VCC=1.65V -4 mA VCC=2.3V -8 VCC=2.7V -12 VCC=3V -24 Low-Level Output Current IOL VCC=1.65V 4 mA VCC=2.3V 8 VCC=2.7V 12 VCC=3V 24 Input Transition Rise or Fall Rate Δt/Δv 0 10 ns/V Operating Temperature TA -40 85 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |