Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMXZ5259B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMXZ5259B
Description  200 mW Zener Diodes 2.4 to 39 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMXZ5259B Datasheet(HTML) 1 Page - Micro Commercial Components

  MMXZ5259B Datasheet HTML 1Page - Micro Commercial Components MMXZ5259B Datasheet HTML 2Page - Micro Commercial Components MMXZ5259B Datasheet HTML 3Page - Micro Commercial Components MMXZ5259B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l
Planar Die construction
l
200mW Power Dissipation
l
Zener Voltages from 2.4V - 39V
l
Ideally Suited for Automated Assembly Processes
Mechanical Data
l
Case:
SOD-323 Molded Plastic
l
Terminals: Solderable per MIL-STD-202, Method 208
l
Approx. Weight: 0.008 gram
l
Mounting Position: Any
l
Storage & Operating Junction Temperature:
-55
oC to +150oC
Maximum Ratings @ 25oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(No te s A)
P(AV)
200
mWatt
Peak Forward S urge
IFSM
2.0
Amps
NOTES:
MMXZ5221B
THRU
MMXZ5259B
200 mW
Zener Diodes
2.4 to 39 Volts
MCC
www.mccsemi.com
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent
Current (Not e s B)
square wave, duty cycle = 4 pulses per minute maximum.
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.068
.078
1.75
1.95
C
.045
.054
1.15
1.35
D
.027
.038
0.70
0.95
E
.009
.014
0.25
0.35
F
.002
.006
0.05
0.15
G
.012
---
0.30
---
SOD323
0.031”
0.059"
0.039”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
D
F
G
DIMENSIONS
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Similar Part No. - MMXZ5259B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMXZ5259B MCC-MMXZ5259B Datasheet
375Kb / 5P
200 mW Zener Diodes 2.7 to 39 Volts
More results

Similar Description - MMXZ5259B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com