Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5259B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBZ5259B
Description  410 mW Zener Diode 2.4 to 39 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBZ5259B Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBZ5259B Datasheet HTML 1Page - Micro Commercial Components MMBZ5259B Datasheet HTML 2Page - Micro Commercial Components MMBZ5259B Datasheet HTML 3Page - Micro Commercial Components MMBZ5259B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micro Commercial Corp.
21201 Itasca St.
Chatsworth, CA 91311
Phone: (818) 701-4933
Fax:
(818) 701-4939
MMBZ5221B
THRU
MMBZ5259B
410 mW
Zener Diode
2.4 to 39 Volts
Features
•
Wide Voltage Range Available
•
Small Outline Package For Space Savings
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals
•
Surface Mount Package
•
Operating
Junction Temperature: -55°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
500 mWatt DC Power Dissipation
Suggested Solder
Pad Layout
.
102
2.
60
inches
mm
.03
5
.
900
.0
55
1.40
.03
5
.
880
.03
5
.
880
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.1
19
2.80
3.0
0
B
.0
86
.
103
2.
20
2.6
0
C
.047
.05
6
1.20
1.40
D
.03
3
.041
.
85
1.0
5
E
.0
66
.08
3
1.7
0
2.
10
F
---
.0
06
---
.
15
G
.0
35
.0
44
.
90
1.10
H
.0
02
.0
06
.
05
.15
J
.0
13
.0
20
.35
.
50
K
.
007
---
.
20
---
A
B
C
D
E
F
G
SOT-23
www.mccsemi.com
Maximum Ratings
MCC
J
*Pin Configuration - Top View
Maximum Ratings @ 25oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(No te s A)
P(AV)
410
mWatt
Pe ak Forward S urge
IFSM
4.0
Amps
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent
Current (Not e s B)
square wave, duty cycle = 4 pulses per minute maximum.
H
K


Similar Part No. - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5259B PANJIT-MMBZ5259B Datasheet
132Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5259B DIODES-MMBZ5259B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
MMBZ5259B TSC-MMBZ5259B Datasheet
39Kb / 3P
Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5259B WEITRON-MMBZ5259B Datasheet
268Kb / 5P
Surface Mount Zener Diodes
logo
Diodes Incorporated
MMBZ5259B DIODES-MMBZ5259B Datasheet
464Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 16 - 2
More results

Similar Description - MMBZ5259B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com