Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74AC240G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AC240G-P20-R
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC240G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AC240G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AC240
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-675.A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74AC240 is a octal buffers/drivers with 3-state outputs. It
is organized as two 4-bit buffers/drivers with separate output-enable
( OE ) inputs. When OE is high, the Y outputs are in a
high-impedance state, and the outputs neither load nor drive the bus
lines. When OE is low, the device passes inverted data from the A
inputs to the Y outputs.
The U74AC240 is designed to improve the performance and
density of 3-state memory address drivers, clock drivers, and
bus-oriented receivers and transmitters.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
FEATURES
* Wide Supply Voltage Range from 2V to 6V
* Max tPD of 6.5 ns from A to Y at 5V
* Low Power Consumption, ICC = 4μA (Max.) at 5.5V
* ±24mA Output Driver at 5.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AC240L-P20-R
U74AC240G-P20-R
TSSOP-20
Tape Reel
U74AC240L-P20-T
U74AC240G-P20-T
TSSOP-20
Tube


Similar Part No. - U74AC240G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC240G-P20-R UTC-U74AC240G-P20-R Datasheet
169Kb / 6P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AC240G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com