Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20060 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR20060
Description  200 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20060 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR20060 Datasheet HTML 1Page - Micro Commercial Components MBR20060 Datasheet HTML 2Page - Micro Commercial Components MBR20060 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR20020
THRU
MBR200100
200 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR20020
20V
14V
20V
MBR20030
30V
21V
30V
MBR20035
35V
24.5V
35V
MBR20040
40V
28V
40V
MBR20045
45V
31.5V
45V
MBR20060
60V
42V
60V
MBR20080
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
200 A
TL =
140°C
Peak Forward Surge
Current
IFSM
3000A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 200.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 mA
TA = 25
°C
Typical Junction
Capacitance
CJ
300pF
Measured at
1.0MHz, VR=4.0V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.725
.775
18.42
19.69
A
1.520
1.560
38.86
39.62
C
.605
.625
15.37
15.88
E
.745
.755
18.92
18.18
F
.152
.160
3.86
4.06
G
1/4
- 20
UNC
- 2B
H
.570
.580
14.49
14.73
J
.15
.160
3.96
4.06
K
.495
.505
12.57
12.83
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MBR20020-20045
MBR20060
MBR20080-200100
.63 V
.84 V
.75 V
MBR200100
100V
70V
100V
HALF PACK
L
.120
.130
3.05
3.30
D
J
G
B
F
K
E
H
L
C
A
∅
∅
D
1.182
1.192
30.02
30.28
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR20060

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR20060 TEL-MBR20060 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Micro Commercial Compon...
MBR20060CT MCC-MBR20060CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20060CT TEL-MBR20060CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
MBR20060CT MICROSEMI-MBR20060CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
Naina Semiconductor ltd...
MBR20060CT NAINA-MBR20060CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 200A
More results

Similar Description - MBR20060

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20020CT MCC-MBR20020CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
MBR2020 MCC-MBR2020_09 Datasheet
107Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 200 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRBL20200CT MCC-MBRBL20200CT Datasheet
303Kb / 2P
20 Amp Schottky Barrier Rectifier 200 Volts
logo
New Jersey Semi-Conduct...
MBR20020CT NJSEMI-MBR20020CT Datasheet
47Kb / 1P
200 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com