Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2970G-S18-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # F2970G-S18-R
Description  FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2970G-S18-R Datasheet(HTML) 4 Page - Unisonic Technologies

  F2970G-S18-R Datasheet HTML 1Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 2Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 3Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 4Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 5Page - Unisonic Technologies F2970G-S18-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F2970
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R109-035.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum supply Voltage VCC
VCC
17
V
Maximum supply Voltage VM
VM
17
V
OUT Pin Maximum Output Current
IOUT
1.2
A
OUT Pin Output Withstand Voltage
VOUT
18
V
Maximum Output Current of HB
IHB
10
mA
VTH, RMI Input Pin Withstand Voltage
VTH, RMI
7
V
P-IN Input Pin Withstand Voltage
VP-IN
VCC
V
FG Output Pin Output Withstand Voltage
VFG
18
V
FG Output Current
IFG
10
mA
Allowable Power Dissipation
Specified substrate (Note 1)
PD
0.8
W
Operating Temperature
TOPR
-30~90
°C
Storage Temperature
TSTG
-55~150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. Specified substrate: 30mm×30mm×0.8mm, paper phenol.
RECOMMENDED OPERATING RANGES (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Supply Voltage
VCC
4.5~16
V
VM Supply Voltage
VM
3.5~16
V
VTH, RMI Input Level Voltage Range
VTH, RMI
0~6
V
P-IN Input Level Voltage Range
VP-IN
0~VCC
V
Triangular Wave Input Range
VRM
0.5~4
V
Hall Input Common Phase Input Voltage Range
VICM
0.2~3
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=12V, Rf=0Ω, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Circuit Current
ICC1
During Drive
12
15
18
mA
ICC2
During Lock Protection
11
14
17
mA
HB Voltage
VHB
IHB=5mA
1.12
1.22
1.32
V
6VREG Voltage
V6VREG
I6VREG=5mA
5.85
5.95
6.10
V
Pin-CT H Level Voltage
VCTH
3.4
3.6
3.8
V
Pin-CT L Level Voltage
VCTL
1.4
1.6
1.8
V
Pin-CT Charge Current
ICT1
2.2
µA
Pin-CT Discharge Current
ICT2
0.22
µA
CT Charge/Discharge Current Ratio
RCT
6.8
OUT Output L Saturation Voltage
VOL
IO=200mA
0.1
0.2
V
OUT Output H Saturation Voltage
VOH
IO=200mA, Rf=1Ω
0.6
0.8
V
Current Limiter
VRf
480
mV
Sensitivity of Hall Input
VHN
Zero Peak Value (Including
Offset and Hysteresis)
10
20
mV
FG Output Pin L Voltage
VFG
IFG=5mA
0.2
0.3
V
FG Output Pin Leak Current
IFGL
VFG=7V
30
µA
Overheat Protection
THD
Design Guarantee Value
(Note 1)
180
°C
Note: 1. Design target value and no measurement was made.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com