Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM605AG-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM605AG-AF5-R
Description  OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM605AG-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM605AG-AF5-R Datasheet HTML 1Page - Unisonic Technologies UM605AG-AF5-R Datasheet HTML 2Page - Unisonic Technologies UM605AG-AF5-R Datasheet HTML 3Page - Unisonic Technologies UM605AG-AF5-R Datasheet HTML 4Page - Unisonic Technologies UM605AG-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM605A/B
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-033.F
OPERATIONAL AMPLIFIERS
WITH 2.5V/1.25V SHUNT
REGULATOR
DESCRIPTION
UTC UM605A/B that is designed to include 2 op amp and one
shunt regulator for battery charger and AC adapter application.
FEATURES
* Internal accurate 2.5V / 1.25V VREF
* Reduced external components
ORDERING INFORMATION
MARKING
UM605A
UM605B
3
2
1
UME1G
5
4
Ordering Number
Package
Packing
UM605AG-AF5-R
SOT-25
Tape Reel
UM605BG-AF5-R
SOT-25
Tape Reel


Similar Part No. - UM605AG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM605AG-AF5-R UTC-UM605AG-AF5-R Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605AG-AF5-R UTC-UM605AG-AF5-R Datasheet
160Kb / 4P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605AG-AF5-R UTC-UM605AG-AF5-R Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605AG-AF5-R UTC-UM605AG-AF5-R Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605AG-AF5-R UTC-UM605AG-AF5-R Datasheet
125Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1 .25V SHUNT REGULATOR
More results

Similar Description - UM605AG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF347 ONSEMI-LF347 Datasheet
80Kb / 4P
Operational Amplifiers
March, 2002 ??Rev. 1
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com