Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL062L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL062L-S08-R
Description  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL062L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL062L-S08-R Datasheet HTML 1Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 2Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 3Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 4Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL062L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL062
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R105-003,C
■
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (note 2)
VCC
±18
V
Input Voltage (note 3)
VIN
±15
V
Differential Input Voltage (note 4)
VI(DIFF)
±30
V
Power Dissipation
PD
680
mW
Output Short-Circuit Duration (Note 5)
Infinite
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC- and VCC+.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
4. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
5. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
ELECTRICAL CHARACTERISTICS (VCC=±15V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Ta=25°C
3
15
mV
Input Offset Voltage
VI(OFF)
RS=50Ω
TMIN ≤Ta ≤TMAX
20
mV
Input Common Mode Voltage
VI(CM)
±11
-12~+15
V
Ta=25°C
20
27
V
Output Voltage Swing
VO(SW) RL=10kΩ,CL=100pF
TMIN ≤Ta ≤TMAX
20
V
Ta=25
°C
3
6
V/mV
Large Signal Voltage Gain
GV
RL=10Ω, VOUT=±10V
TMIN ≤Ta ≤TMAX
3
V/mV
Temperature Coefficient of Input
Offset Voltage
Δ
VI(OFF) RS=50Ω
10
μV/°C
Supply Current
ICC
Ta=25°C, no load, no signal
400
500
μA
Ta=25°C
5
200
pA
Input Offset Current*
II(OFF)
TMIN ≤Ta ≤TMAX
5
nA
Ta=25°C
30
400
pA
Input Bias Current*
II(BIAS)
TMIN ≤Ta ≤TMAX
10
nA
Gain Bandwidth Product
GBW
Ta=25
°C, RL=10kΩ, CL=100Pf
1
MHz
Input Resistance
RIN
10
12
Ω
Common Mode Rejection Ratio
CMR
RS=50Ω
70
76
dB
Supply Voltage Rejection Ratio
SVR
RS=50Ω
70
95
dB
Slew Rate
SR
VIN=10V, RL=10kΩ, CL=100pF, Gv=1
0.91
1.1
V/
μs
Channel Separation
O2
O1
V
V
Gv=100, Ta=25°C
120
dB
Total Power Consumption
Ta=25°C, no load, no signal
6
7.5
mW
Rise Time
tR
VIN=20mV, RL=10kΩ, CL=100pF, Gv=1
0.2
μs
Overshoot Factor
Kov
VIN=20mV, RL=10kΩ, CL=100pF, Gv=1
10
%
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
42
Note: The Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are
temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as closes to the
ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com