Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S486L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # S486L-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  S486L-S08-R Datasheet HTML 1Page - Unisonic Technologies S486L-S08-R Datasheet HTML 2Page - Unisonic Technologies S486L-S08-R Datasheet HTML 3Page - Unisonic Technologies S486L-S08-R Datasheet HTML 4Page - Unisonic Technologies S486L-S08-R Datasheet HTML 5Page - Unisonic Technologies S486L-S08-R Datasheet HTML 6Page - Unisonic Technologies S486L-S08-R Datasheet HTML 7Page - Unisonic Technologies S486L-S08-R Datasheet HTML 8Page - Unisonic Technologies S486L-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S486
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R502-074,C
ABSOLUTE MAXIMUM RATING (Ta=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage (Note 2)
VCC
6
V
Input Voltage
VIN
-0.3V ~ VCC+0.3V
V
Output Short Circuit to VCC or GND
Continuous(Note 3)
Power Dissipation (TJ=150°С)
PD
0.71
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values are measured with respect to the ground pin.
3. Attention must be paid to continuous power dissipation (VDD x 300mA). Exposure of the IC to a short circuit
for an extended time period is dramatically reducing product life expectancy.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
175
°С/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2 ~ 5.5
V
ACTIVE
1.5≤VSTB≤VCC
V
Standby Voltage Input
STANDBY
VSTB
GND≤VSTB≤0.4(Note)
V
Load Resistor
RL
≥16
Ω
RL = 16 ~ 100Ω
400
pF
Load Capacitor
RL > 100Ω
CL
100
pF
Junction to Ambient
θJA
150
/W
℃
Note: The minimum current consumption (ISTB) is guaranteed at GND for the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com