Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX608 Datasheet(PDF) 50 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 50 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 46Page - CML Microcircuits CMX608 Datasheet HTML 47Page - CML Microcircuits CMX608 Datasheet HTML 48Page - CML Microcircuits CMX608 Datasheet HTML 49Page - CML Microcircuits CMX608 Datasheet HTML 50Page - CML Microcircuits CMX608 Datasheet HTML 51Page - CML Microcircuits CMX608 Datasheet HTML 52Page - CML Microcircuits CMX608 Datasheet HTML 53Page - CML Microcircuits CMX608 Datasheet HTML 54Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
50
D/608_18_38/11
Bit 15 If this bit is clear, the low watermark will be set from the supplied watermark value.
H
In addition, the device will be set to notify as soon as the low watermark condition exists
(which may be immediately, depending on the sample count).
If this bit is set, the high watermark will be set from the supplied watermark value. In
addition, the device will be set to wait until the high watermark condition exists (which may
be immediately, depending on the sample count) before allowing the low watermark
condition to be signalled.
IRQENAB register address $1F
15
14
13
12
11
10
9
8
RDY
SVC
0
0
0
0
0
VDW
7
6
5
4
3
2
1
0
0
PLV
0
0
0
DFDA
EFDA
VDA
This write-only register specifies which of the bits in the STATUS register ($40) will cause a C-BUS
interrupt to be generated (IRQN pin is pulled low).
Setting a bit to '1' will cause the corresponding status bit to generate a C-BUS interrupt when the
status bit is set to '1'. Please refer to the STATUS register ($40) for an explanation of the bits.
The default state of this register after a power-up reset is for all bits, except for bit 15 (RDY), to be
cleared to '0'. Bit 15 is set to '1', so that when the device is ready to accept commands (signified
by bit 15 (RDY) of the STATUS register ($40) being set to '1'), there will also be a C-BUS interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com