| Electronic Components Datasheet Search |
|
US12231L-P20-R Datasheet(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
US12231L-P20-R Datasheet(HTML) 9 Page - Unisonic Technologies |
|
9 / 15 page ![]() US12231 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 9 of 15 www.unisonic.com.tw QW-R502-A82.a POWER STATES OFF mode If AUXIN is not present, then all input-to-output power switches are kept off (OFF mode). Shutdown mode If AUXIN is present and SHDN is asserted (logic low), then all input-to-output power switches are kept off and the output discharge FETs are turned on (Shutdown mode). If SHDN is asserted and then de-asserted, the state on the outputs is restored to the state prior to SHDN __________ assertion. No Card mode If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch and no card is inserted, then all input-to-output power switches are kept off and the output discharge FETs are turned on (No Card mode). Card Inserted mode If 3.3VIN, AUXIN and 1.5VIN are present at the input of the power switch prior to a card being inserted, then all input-to-output power switches are turned on once a card-present signal ( CPUSB and/or CPPE ) is detected (Card Inserted mode). Standby mode If a card is present and all output voltages are being applied, then the STBY is asserted (logic low); the AUXOUT voltage is provided to the card, and the 3.3VOUT and 1.5VOUT switches are turned off (Standby mode). If a card is present and all output voltages are being applied, then the 1.5VIN, or 3.3VIN is removed from the input of the power switch; the AUXOUT voltage is provided to the card and the 3.3VOUT and 1.5VOUT switches are turned off (Standby mode). If prior to the insertion of a card, the AUXIN is available at the input of the power switch and 3.3VIN and/or 1.5VIN are not, or if STBY is asserted (logic low), then no power is made available to the card (OFF mode). If 1.5VIN and 3.3VIN are made available at the input of the power switch after the card is inserted and STBY is not asserted, all the output voltages are made available to the card (Card Inserted mode). DISCHARGE FETs The discharge FETs on the outputs are activated whenever the device detects that a card is not present (No Card mode). Activation occurs after the input-to-output power switches are turned off (break before make). The discharge FETs de-activate if either of the card-present lines go active low, unless the SHDN pin is asserted. The discharge FETs are also activated whenever the SHDN input is asserted and stay asserted until SHDN is de-asserted. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |