Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U9751B-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U9751B-S16-R
Description  DOUBLE CHANNELS PWM CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9751B-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U9751B-S16-R Datasheet HTML 1Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 2Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 3Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 4Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 5Page - Unisonic Technologies U9751B-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U9751B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-034,A
DC ELECTRONIC CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Bias Current
II(BIAS)
VO(FB)=1.25V
160
500
nA
Output Sink Current
IO(SINK)
VI(DIFF)=-0.1V,VOUT=1.25V
1
4.0
mA
Output Source Current
IO(SOURCE)
VI(DIFF)=0.1V,VOUT =1.25V
-45
-90
µA
Common-Mode Rejection Ratio
CMRR
60
80
dB
Open-Loop Voltage Gain
GVO
RF=200KΩ
70
80
dB
Unity-Gain Bandwidth
GBW
1.5
MHZ
Output Section
Output Saturation Voltage
VO(SAT)
IOUT=10mA
0.7
1
V
Short-Circuit Output Current
IO(SC)
VOUT =6V
450
mA
Off-State Current
IO(OFF)
VOUT =50V
10
µA
PWM Comparator Section
Zero duty cycle
1.75
1.95
2.15
Input Threshold Voltage at f=10kHz
VI(THR)
Maximum duty cycle
1.3
1.45
1.8
V
Total Device
Standby Supply Current
ISTN-BY
Off-state
1.7
mA
Average Supply Current
IAVE
RT =10K
2.0
2.6
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com