Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX613CPD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX613CPD
Description  Dual-Slot PCMCIA Analog Power Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX613CPD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX613CPD Datasheet HTML 1Page - Maxim Integrated Products MAX613CPD Datasheet HTML 2Page - Maxim Integrated Products MAX613CPD Datasheet HTML 3Page - Maxim Integrated Products MAX613CPD Datasheet HTML 4Page - Maxim Integrated Products MAX613CPD Datasheet HTML 5Page - Maxim Integrated Products MAX613CPD Datasheet HTML 6Page - Maxim Integrated Products MAX613CPD Datasheet HTML 7Page - Maxim Integrated Products MAX613CPD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dual-Slot PCMCIA
Analog Power Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCIN to GND.............................................................+7V, -0.3V
VPPIN to GND ........................................................+13.2V, -0.3V
DRV5, DRV3, DRV to GND ........................(VPPIN + 0.3V), -0.3V
AVPP, BVPP to GND ..................................(VPPIN + 0.3V), -0.3V
All Other Pins to GND ...............................(VCCIN + 0.3V), -0.3V
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).......................471mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C).......800mW
14-Pin SO (derate 8.33mW/°C above +70°C) ..............667mW
Operating Temperature Ranges:
MAX61_C__ ........................................................0°C to +70°C
MAX61_E__ .....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
PARAMETER
VCCIN Supply Current
(12V Mode)
MIN
TYP
MAX
AVPP = BVPP = VPPIN
3.5
UNITS
µA
2
VPPIN Supply Current
(5V Mode)
20
VPPIN = 12.6V,
AVPP = BVPP= VCCIN
0.05
µA
0.05
1
2.25
10
0.05
VPPIN Supply Current
(0V Mode)
AVPP = BVPP = 0V
0.05
µA
3.5
VCCIN Supply Current
(5V Mode)
AVPP = BVPP = VCCIN
2.25
3.5
10
µA
0.05
22
50
VPPIN Input Voltage Range
3.5
10
VCCIN Supply Current
(0V Mode)
AVPP = BVPP = 0V
VCCIN Input Voltage Range
3.5
2.85
5.5
µA
V
20
0
12.6
V
3.5
VPPIN Supply Current
(12V Mode)
AVPP = BVPP = VPPIN =12.6V
0.05
1
CONDITIONS
–
S
—
H
—
D
—
N = 0V
–
S
—
H
—
D
—
N = VCCIN
–
S
—
H
—
D
—
N = 0V
–
S
—
H
—
D
—
N = 0V
–
S
—
H
—
D
—
N = VCCIN
–
S
—
H
—
D
—
N = VCCIN
–
S
—
H
—
D
—
N = 0V
–
S
—
H
—
D
—
N = VCCIN
µA
–
S
—
H
—
D
—
N = VCCIN
–
S
—
H
—
D
—
N = VCCIN
–
S
—
H
—
D
—
N = 0V
–
S
—
H
—
D
—
N = 0V
MAX614
MAX614
MAX613
MAX613
MAX613
MAX613
MAX614
MAX613
MAX614
MAX614
MAX613
MAX614
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com