Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX604C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX604C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX604C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX604C/D Datasheet HTML 1Page - Maxim Integrated Products MAX604C/D Datasheet HTML 2Page - Maxim Integrated Products MAX604C/D Datasheet HTML 3Page - Maxim Integrated Products MAX604C/D Datasheet HTML 4Page - Maxim Integrated Products MAX604C/D Datasheet HTML 5Page - Maxim Integrated Products MAX604C/D Datasheet HTML 6Page - Maxim Integrated Products MAX604C/D Datasheet HTML 7Page - Maxim Integrated Products MAX604C/D Datasheet HTML 8Page - Maxim Integrated Products MAX604C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 6V (MAX603) or 4.3V (MAX604), CIN = COUT = 10µF, OFF = VIN, SET = GND, TJ = TMIN to TMAX, unless otherwise noted.
Typical values are at TJ = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (IN or OUT to GND).......................-0.3V to +12V
Output Short-Circuit Duration ..............................................1 min
Continuous Output Current ...............................................600mA
SET, OFF Input Voltages ...........................-0.3V to the greater of
(IN + 0.3V) or (OUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 23.6mW/°C above +70°C) .............................1.8W
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX60_C_A ........................................................0°C to +70°C
MAX60_E_A .....................................................-40°C to +85°C
MAX60_MJA ..................................................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SET = OUT, RL = 1kΩ
VIN = 11.5V, SET = OUT
OFF
≤ 0.4V, RL = 1kΩ,
(VOUT + 1V) ≤ VIN ≤ 11.5V
IOUT = 500mA
IOUT = 200mA
3.0V
≤ VIN ≤ 11.5V, SET = OUT
IOUT = 1mA to 300mA
IOUT = 20µA to 500mA,
6.0V < VIN < 11.5V
IOUT = 20µA to 300mA,
4.3V < VIN < 11.5V
IOUT = 400mA
IOUT = 1mA to 500mA
IOUT = 200mA
mA
1200
ILIM
Foldback Current Limit
(Note 4)
350
µA
20
IOUT MIN
Minimum Load Current
6
2
µA
20
IQ OFF
OFF Quiescent Current
10
0.01
2
µA
40
IQ
Quiescent Current
15
35
mV
480
820
∆VDO
Dropout Voltage (Note 3)
240
410
V
3.0
11.5
VIN
Input Voltage
2.9
11.5
2.7
11.5
320
550
130
220
mV
740
∆VLNR
Line Regulation
mV
30
100
∆VLDR
Load Regulation
4.75
5.00
5.25
V
3.15
3.30
3.45
VOUT
Output Voltage (Note 2)
60
100
150
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT > 0.8V and VIN - VOUT > 0.7V
VOUT < 0.8V
MAX60_M
MAX60_M
MAX60_E
MAX60_E
MAX60_C
MAX60_C
MAX60_M
MAX60_E
MAX60_C
MAX603
MAX60_M
MAX60_C/E
(VOUT + 0.5V) ≤ VIN ≤ 11.5V, IOUT = 25mA
MAX604
MAX603
MAX604
MAX603C/E
MAX604
MAX603M
CONDITIONS
°C
10
160
°C
Thermal Shutdown Hysteresis
TSD
Thermal Shutdown Temperature
∆TSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com