Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX509ACAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX509ACAP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509ACAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX509ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 17Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 18Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 19Page - Maxim Integrated Products MAX509ACAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
where NB represents the digital input word. Since
AGND is common to all four DACs, all outputs will be
offset by VBIAS in the same manner. Do not bias AGND
more than +1V above DGND, or more than 2.5V below
DGND.
Figures 14 and 15 illustrate the generation of negative
offsets with bipolar outputs. In these circuits, AGND is
biased negatively (up to -2.5V with respect to DGND) to
provide an arbitrary negative output voltage for a 0
input code. The output voltage at OUTA is:
OUTA = -(R2/R1)(2.5V) + (NB/256)(2.5V)(R2/R1+1)
where NB represents the digital input word. Since
AGND is common to all four DACs, all outputs will be
offset by VBIAS in the same manner. Table 3, with
VREF = 2.5V, shows the digital code vs. output voltage
for Figure 14 and 15's circuits with R1 = R2. The
ICL7612 op amp is chosen because its common-mode
range extends to both supply rails.
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
16
______________________________________________________________________________________
Figure 11. MAX509 Unipolar Output Circuit
REFD
DAC A
DAC B
DAC C
DAC D
REFC
REFB
REFA
MAX509
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUTS (VSS TO VDD)
2
1
20
19
VDD
+5V
16
517
418
3
-5V (OR GND)
68
VSS
AGND
DGND
Figure 12. MAX510 Unipolar Output Circuit
DAC A
DAC B
DAC C
DAC D
REFAB
MAX510
OUTA
OUTB
OUTC
OUTD
SERIAL
INTERFACE
NOT SHOWN
REFERENCE INPUTS (VSS TO VDD)
2
1
16
15
VDD
+5V
414
3
-5V (OR GND)
56
VSS
AGND
DGND
REFCD
13
Figure 13. MAX509/MAX510 AGND Bias Circuits (Positive
Offset)
DAC A
MAX509
5
18
AGND
2
OUTA
DGND
VSS
REFA
VDD
3
8
VIN
VBIAS
6
+5V
-5V (OR GND)
DAC A
MAX510
4
14
AGND
2
OUTA
DGND
VSS
REFAB
VDD
3
6
VIN
VBIAS
5
+5V
-5V (OR GND)
SERIAL INTERFACE NOT SHOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com