Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4522EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4522EEE
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4522EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad, Low-Voltage, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
Note 2: All leads are soldered or welded to PC boards.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+.....................................................................-0.3V to +13.0V
V- .....................................................................-13.0V to +0.3V
V+ to V- ............................................................-0.3V to +13.0V
All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current into Any Terminal..............................±10mA
Peak Current into Any Terminal
(pulsed at 1ms,10% duty cycle)...................................±20mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C) (Note 2)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
QSOP (derate 9.52mW/°C above +70°C) ....................762mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX452_C_E ......................................................0°C to +70°C
MAX452_E_E ...................................................-40°C to +85°C
MAX452_MJE ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10 sec) ............................+300°C
(Note 4)
V+ = 5.5V, V- = -5.5V,
VCOM_ = ±4.5V
V+ = 5.5V, V- = -5.5V,
VCOM_ = ±4.5V, VN_ =
4.5V
V+ = 5V, V- = -5V,
VCOM_ = ±3V, ICOM_ = 1mA
V+ = 5.5V, V- = -5.5V,
VCOM_ =
4.5V, VN_ = ±4.5V
V+ = 5V, V- = -5V,
VCOM_ = ±3V, ICOM_ = 1mA
V+ = 5V, V- = -5V,
VCOM_ = ±3V, ICOM_ = 1mA
CONDITIONS
nA
-200
200
ICOM_(ON)
COM_ On-Leakage Current
(Note 7)
-20
20
-2
0.01
2
nA
-100
100
ICOM_(OFF)
COM_ Off-Leakage Current
(Note 7)
-10
10
-1
0.01
1
nA
-100
100
INO_(OFF),
INC_(OFF)
NO_, NC_ Off-Leakage Current
(Note 7)
-10
10
-1
0.01
1
V
V-
V+
VCOM_, VNO_,
VNC_
Analog Signal Range
Ω
15
RFLAT(ON)
COM_ to NO_, COM_ to NC_
On-Resistance Flatness
(Note 6)
7
12
Ω
6
∆RON
COM_ to NO_, COM_ to NC_
On-Resistance Match Between
Channels (Note 5)
65
100
Ω
125
RON
COM_ to NO_, COM_ to NC_
On-Resistance
1
4
UNITS
MIN
TYP
MAX
(Note 3)
SYMBOL
PARAMETER
C, E, M
M
C, E
+25°C
M
C, E
C, E, M
+25°C
M
+25°C
C, E, M
+25°C
C, E, M
+25°C
C, E
+25°C
TA
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com