Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCMS2F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMS2F
Description  Common Mode Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMS2F Datasheet(HTML) 1 Page - Central Technologies

  CTCMS2F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2010 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.18.10
Common Mode Chokes
www.ctparts.com
CTCMS2F
Series
From 25 µH to 1600 µH
SPECIFICATIONS
Parts are available in ± 30% inductance tolerance only.
Inductance
Rated Current
DCR
Leakage
Capacitance
Part
(µH)
(A)
(mΩ)
Inductance
(pF)
Number
(1-2 / 4-3)
Max.
(1-2 / 4-3)
(µH) Max.
Typ.
CTCMS2F-25N
25
5.35
3.100
0.22
2.0
CTCMS2F-40N
40
4.40
3.890
0.34
2.3
CTCMS2F-70N
70
3.60
5.350
0.47
2.5
CTCMS2F-95N
95
2.80
7.965
0.80
2.8
CTCMS2F-150N
150
2.30
16.85
1.25
3.1
CTCMS2F-275N
275
1.85
34.53
1.75
3.4
CTCMS2F-320N
320
1.60
39.72
2.00
3.6
CTCMS2F-400N
400
1.35
42.73
2.60
3.9
CTCMS2F-500N
500
1.10
57.43
3.30
4.1
CTCMS2F-620N
620
0.94
73.72
4.00
4.3
CTCMS2F-750N
750
0.80
98.34
5.00
4.6
CTCMS2F-1100N
1100
0.67
161.2
6.30
4.9
CTCMS2F-1300N
1300
0.58
245.5
7.30
5.1
CTCMS2F-1600N
1600
0.50
350.5
9.00
5.4
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: Common mode choke.
Applications: EMI filters applications, DC/DC Converters,
Discrete output supplies, Discrete and point-of-use power
supplies (PUPS).
Operating Ambient Temperature: -40°C to +85°C
Ambient Temperature: +85°C
Temperature Rise: 40°C
Notes: It is recommended that the temperature of the component
(ambient plus temperature rise) does not exceed 125°C under the
worst case operating conditions.
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at 100KHz, 0.1Vrms.
Packaging: Tape & Reel
Marking: Parts are marked with inductance value.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
1
2
4
3
Pin 1
PHASE
1
2
3
4
A
B
C
D
Marking: Inductance value
40
3.5
3.0
9.90
A
B
C
D
Max.
Ref.
Max.
Max.
11.8
8.8
11.8
5.2
0.46
0.35
0.46
0.20
Size
mm
inches
Unit: mm


Similar Part No. - CTCMS2F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCMS CT-CTCMS Datasheet
164Kb / 1P
Toroids - Radial Leaded
CTCMS3213-1 CT-CTCMS3213-1 Datasheet
164Kb / 1P
Toroids - Radial Leaded
CTCMS3214-1 CT-CTCMS3214-1 Datasheet
164Kb / 1P
Toroids - Radial Leaded
CTCMS3215-1 CT-CTCMS3215-1 Datasheet
164Kb / 1P
Toroids - Radial Leaded
CTCMS3216-1 CT-CTCMS3216-1 Datasheet
164Kb / 1P
Toroids - Radial Leaded
More results

Similar Description - CTCMS2F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com