Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX158ACPI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX158ACPI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158ACPI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX158ACPI Datasheet HTML 1Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 2Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 3Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 4Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 5Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 6Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 7Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 8Page - Maxim Integrated Products MAX158ACPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted).
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to GND.........................................0V, +10V
Voltage at Any Other Pins........................GND -0.3V, VDD +0.3V
Output Current (REF OUT)..................................................30mA
Power Dissipation (any package) to +75°C ....................450mW
Derate above +25°C by ..............................................6mW/°C
Operating Temperature Ranges
MAX15_ _C_ _.....................................................0°C to +70°C
MAX15_ _E_ _ ..................................................-40°C to +85°C
MAX15_ _M_ _ ...............................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Input Capacitance (Note 4)
CIN
58
pF
Input Low Voltage
VINL
0.8
V
Input High Current
IINH
1
µA
Input Low Current
IINL
-1
µA
Analog Input Current
IAIN
±3
µA
Slew Rate, Tracking
SR
0.7
0.157
V/µs
Input High Voltage
VINH
2.4
V
Any channel, AIN = 0V to 5V
Output Noise
eN
200
µV/rms
Capacitive Load
0.01
µF
Analog Input Voltage Range
AINR
VREF-VREF+
V
Analog Input Capacitance
CAIN
45
pF
±1
MAX15_B
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Channel-to-Channel Mismatch
±1/4
LSB
No-Missing-Codes Resolution
8
Bits
Total Unadjusted Error (Note 1)
±1/2
LSB
Reference Resistance
14
k
Ω
VREF+ Input Voltage Range
VREF-VDD
V
VREF- Input Voltage Range
GND
VREF+
V
Resolution
8
Bits
Output Voltage
REF OUT
2.47
2.50
2.53
V
Load Regulation
-6
-10
mV
Power-Supply Sensitivity
±1
±3
mV
40
70
40
70
Temperature Drift (Note 3)
60
100
ppm/°C
CONDITIONS
TA = +25°C
MAX15_A
ACCURACY
REFERENCE INPUT
REFERENCE OUTPUT (Note 2)
ANALOG INPUT
LOGIC INPUTS (
–
R
—
D
–
,
–
C
—
S
–
, A0, A1, A2)
IL = 0mA to 10mA, TA = +25°C
VDD ±5%, TA = +25°C
MAX15_ _C
MAX15_ _E
MAX15_ _M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com