Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX110BCAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX110BCAP
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110BCAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX110BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX110BCAP Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
16
______________________________________________________________________________________
X = Don't Care
Table 3. Procedure to Calibrate the ADC
0
0
1
0
0
or
1
00
XX
No
Change
00
1
Performs an offset-null conversion with the
internal ADC inputs shorted to the selected
input channel's negative input (IN1- or IN2-).
The next operation performs the first signal
conversion with the new setup.
3
0
0
0
1
X
00
XX
No
Change
00
1
Performs a gain-calibration conversion with
the null register contents as the starting value.
The result is stored in the calibration register.
2
0
0
1
1
X
00
XX
New
Data
00
1
Sets the new conversion speed (if required)
and performs an offset correction conversion
with the internal ADC inputs shorted to REF-.
The result is stored in the null register.
(This step also selects the speed/resolution
for the ADC.)
1
PD
PDX
NUL
CAL
CHS
Not
Used
DV2 &
DV4
CONV1-
CONV4
Not
Used
N
NO
O--O
OP
P
DESCRIPTION
STEP
CONTROL WORD
X = Don't Care
Table 2. Allowable Input Multiplexer Configurations
Input control word is not transferred to the control register. ADC
configuration remains unchanged and no new conversion starts when CS
returns high.
No
Change
No
Change
0
X
X
X
REF+ and REF- connected to the ADC inputs; gain-calibration mode
selected. Autocal conversion begins when CS returns high, and the results are
stored in the 16-bit I/O register.
REF-
REF+
1
X
0
1
REF- connected to the ADC inputs; offset-null mode selected. Autonull conversion
begins when CS returns high, and the results are stored in the null register.
REF-
REF-
1
X
1
1
IN2- connected to the ADC inputs; offset-null mode selected. Autonull conversion
begins when CS returns high, and the results are stored in the null register.
IN2-
IN2-
1
1
1
0
IN1- connected to the ADC inputs; offset-null mode selected. Autonull conversion
begins when CS returns high, and the results are stored in the null register.
IN1-
IN1-
1
0
1
0
Channel 2 connected to ADC inputs. Conversion begins when CS returns high.
IN2-
IN2+
1
1
0
0
Channel 1 connected to ADC inputs. Conversion begins when CS returns high.
IN1-
IN1+
1
0
0
0
DESCRIPTION
ADC IN-
ADC IN+
N
NO
O--O
OP
P
CHS
NUL
CAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com