Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX110ACAP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX110ACAP
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110ACAP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX110ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 17Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 18Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 19Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 20Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 21Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 22Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 23Page - Maxim Integrated Products MAX110ACAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
unloaded, and subtracting this value from actual weight
measurements. The lowpass filtering action of the
MAX111’s sigma-delta converter helps minimize noise.
The resolution of the weigh scale can be further
increased by averaging several conversions.
Thermocouple Circuit with Software
Compensation
A thermocouple is created by the junction of dissimilar
metals, and generates a voltage proportional to temper-
ature (Seebeck voltage), making it useful for tempera-
ture-measurement instruments. When a thermocouple
probe is connected to a measurement instrument, other
thermoelectric potentials are created between the alloys
of the probe and the copper connectors of the instru-
ment. These potentials introduce a temperature-depen-
dent error that must be subtracted from the temperature
measurement to obtain an accurate result. According to
the law of intermediate metals, the junction of the ther-
mocouple-probe alloys with the copper of the instrument
junction block can be treated as another thermocouple
of the same type. The voltage measured by the instru-
ment can be expressed as:
V =
α(T1 - TREF)
where
α is the Seebeck constant for the type of thermo-
couple, T1 is the temperature being measured, and
TREF is the temperature of the junction block. Although
one method to obtain TREF is to force the junction block
to a known temperature (0°C), a more popular
approach is to measure TREF directly using a thermistor
or PN junction voltage.
The circuit in Figure 12 shows a k-type thermocouple
going through a 54dB gain stage to channel 1 of the
MAX110. A MAX874 voltage reference provides both
the 3V reference voltage and reference junction tem-
perature information to the MAX110. Armed with the
temperature information provided by the MAX874, the
thermocouple voltage created at the junction block can
be subtracted out in software. The TEMP output of the
MAX874 is nominally 690mV at room temperature, and
increases with temperature at about 2.3mV/°C. Place
the MAX874 as close as possible to the terminal block,
and ensure good thermal contact between them. This
circuit employs a common k-type thermocouple and,
with the component values shown, can indicate tem-
peratures in the range of -150°C to +125°C.
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
______________________________________________________________________________________
21
243k
1k
1k
10k
1µF
1µF
IN1+
IN1-
REF-
REF+
VSS
-5V
CS
DIN
DOUT
SCLK
243k
1M
1k
10k
10k
K-TYPE
VDD
+5V
IN2-
IN2+
MAX110
1/4 MAX479
1/4 MAX479
1/4 MAX479
TEMP
OUT
VIN
MAX874
+5V
Figure 12. Thermocouple Circuit with Software Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com