| Electronic Components Datasheet Search |
|
PROG-EMCD3 Datasheet(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PROG-EMCD3 Datasheet(HTML) 1 Page - PANDUIT CORP. |
|
1 / 2 page ![]() ELECTRICAL SOLUTIONS Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Easy-Mark ™ Labeling Software • Easy-Mark ™ Labeling Software simplifies label creation for the specific needs of your applications • Instructions and user interface are available in English, French, German, Italian, Spanish, Korean, Japanese, Chinese and Portugese • Intuitive interview process allows automatic generation of labels and signs • Software selects and formats the optimum label for your specific application • WYSIWYG (What You See Is What You Get) user interface, alpha/numeric serialization, data import, symbol import • Easy-Mark ™ Labeling Software is part of a complete line of innovative identification solutions from Panduit • Supports most WINDOWS^ fonts drivers for standard thermal transfer, dot matrix, laser and ink jet, including Panduit thermal transfer printers System Requirements: • WINDOWS^ 2000, XP, Vista, or 7; 64MB hard drive space and 64MB RAM (256MB RAM recommended) ^WINDOWS is a registered trademark of Microsoft Corporation in the United States and/or other countries. CAD-Connect ™ Labeling Software • Generates labels quickly and easily directly from electronic CAD files • Eliminates steps and time spent manually copying CAD identifiers into labeling software • Program combines the power of an innovative wizard interview and Easy-Mark ™ Labeling Software to capture and organize identifiers from electronic CAD files to automatically create and print labels • Compatible with full versions of AutoCAD* 2000i, 2002, 2004, 2006, 2007; AutoCAD Electrical 2005 and 2006; AutoCAD Architectural 2007 and 2008; AutoCAD Mechanical 2007 and 2008; and Visio^ 2002 and newer versions • Exports to alternative formats such as EXCEL^ (XLS) or Text (CSV) files for future use and documentation System Requirements: • WINDOWS^ 2000, XP, Vista, or 7; 64MB hard drive space and 64MB RAM (256MB RAM recommended) *AutoCAD is a registered trademark of Autodesk, Inc. ^Visio, WINDOWS, and EXCEL are registered trademarks of Microsoft Corporation in the United States and/or other countries. Part Number Part Description Std. Pkg. Qty. Std. Ctn. Qty. PROG-CCCD CAD-Connect ™ Labeling Software, including Easy-Mark ™ Labeling Software, supplied on CD-ROM. 110 Part Number Part Description Std. Pkg. Qty. Std. Ctn. Qty. PROG-EMCD3 Easy-Mark ™ Labeling Software supplied on CD-ROM. 1 10 PROG-EM2GO Easy-Mark ™ Portable Application, USB Flash Drive. 1 10 |
Similar Part No. - PROG-EMCD3 |
|
Similar Description - PROG-EMCD3 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |