Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30622ECTFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M30622ECTFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M30622ECTFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
4
Description
Block Diagram
Figure 1.1.3 is block diagrams of M30622(100-pin package) and 1.1.4 is block diagrams of M30623(80-pin
package).
I/O ports
Port P0
8
Port P1
8
Port P2
8
Port P3
8
Port P4
8
Port P5
8
Port P6
8
Internal peripheral functions
Timer
Timer TA0 (16 bits)
Timer TA1 (16 bits)
Timer TA2 (16 bits)
Timer TA3 (16 bits)
Timer TA4 (16 bits)
Timer TB0 (16 bits)
Timer TB1 (16 bits)
Timer TB2 (16 bits)
Timer TB3 (16 bits)
Timer TB4 (16 bits)
Timer TB5 (16 bits)
Watchdog timer
(15 bits)
DMAC
(2 channels)
D-A converter
(8 bits ! 2 channels)
SB
Registers
Program conter
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
PC
Sutack pointer
ISP
USP
Vector table
INTB
FLG
M16C/60series 16-bit CPU core
Memory
Multiplier
A-D converter
(10 bits ! 8 channels
Expandable up to 26 channels)
UART/clock synchronous SI/O
(8 bits ! 3 channels) (Note 1)
CRC arithmetic circuit (CCITT)
(Polynominal: X 16+X12+X5+1)
System clock generator
XIN-XOUT
XCIN-XCOUT
Clock synchronous SI/O
(8 bits ! 2 channels)
ROM
(Note 2)
RAM
(Note 3)
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
Note 1: One of 3 channels also functions as IIC bus interface.
Note 2: ROM size depends on MCU type.
Note 3: RAM size depends on MCU type.
Figure 1.1.3. Block diagram of M30622 (100-pin package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com