Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPZDC33V Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZDC33V
Description  SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZDC33V Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZDC33V Datasheet HTML 1Page - Central Semiconductor Corp CMPZDC33V Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPZDC2V4 THRU CMPZDC47V
SURFACE MOUNT
DUAL, COMMON CATHODE
SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
350mW
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMPZDC24V
22.8
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
CCY9
CMPZDC27V
25.1
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
CC10
CMPZDC30V
28.0
32.0
2.0
80
300
0.5
0.05
21.0
5.6
0.09
CC11
CMPZDC33V
31.0
35.0
2.0
80
325
0.5
0.05
23.1
5.0
0.09
CC12
CMPZDC36V
34.0
38.0
2.0
90
350
0.5
0.05
25.2
4.6
0.09
CC13
CMPZDC39V
37.0
41.0
2.0
130
350
0.5
0.05
27.3
4.3
0.09
CC14
CMPZDC43V
40.0
46.0
2.0
150
375
0.5
0.05
30.1
3.9
0.10
CC15
CMPZDC47V
44.0
50.0
2.0
170
375
0.5
0.05
32.9
3.5
0.10
CC16
ELECTRICAL CHARACTERISTICS PER DIODE - Continued: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode D2
2) Anode D1
3) Cathode D1, D2
MARKING CODE:
SEE MARKING CODES ON ELECTRICAL
CHARACTERISTICS TABLE
1
2
3
www.centr a lsemi.com
R2 (10-August 2012)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com