Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPZ4697 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZ4697
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4697 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZ4697 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4697 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPZ4678 THRU CMPZ4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
350mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM
REVERSE
CURRENT
IR
@
VR
MAXIMUM
ZENER
CURRENT
IZM
MARKING
CODE
MIN
V
NOM
V
MAX
V
µA
µA
V
mA
CMPZ4699
11.40
12
12.60
50
0.05
9.1
20.4
C9X
CMPZ4700
12.35
13
13.65
50
0.05
9.8
19.0
C9Y
CMPZ4701
13.30
14
14.70
50
0.05
10.6
17.5
C9Z
CMPZ4702
14.25
15
15.75
50
0.05
11.4
16.3
91A
CMPZ4703
15.20
16
16.80
50
0.05
12.1
15.4
91B
CMPZ4704
16.15
17
17.85
50
0.05
12.9
14.5
91C
CMPZ4705
17.10
18
18.90
50
0.05
13.6
13.2
91D
CMPZ4706
18.05
19
19.95
50
0.05
14.4
12.5
91E
CMPZ4707
19.00
20
21.00
50
0.01
15.2
11.9
91F
CMPZ4708
20.90
22
23.10
50
0.01
16.7
10.8
91G
CMPZ4709
22.80
24
25.20
50
0.01
18.2
9.9
91H
CMPZ4710
23.75
25
26.25
50
0.01
19.0
9.5
91J
CMPZ4711
25.65
27
28.35
50
0.01
20.4
8.8
91K
CMPZ4712
26.60
28
29.40
50
0.01
21.2
8.5
91L
CMPZ4713
28.50
30
31.50
50
0.01
22.8
7.9
91M
CMPZ4714
31.35
33
34.65
50
0.01
25.0
7.2
91N
CMPZ4715
34.20
36
37.80
50
0.01
27.3
6.6
91P
CMPZ4716
37.05
39
40.95
50
0.01
29.6
6.1
91Q
CMPZ4717
40.85
43
45.15
50
0.01
32.6
5.5
91R
www.centr a lsemi.com
R9 (13-April 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com