Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC690CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC690CS8
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC690CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC690CS8 Datasheet HTML 8Page - Linear Technology LTC690CS8 Datasheet HTML 9Page - Linear Technology LTC690CS8 Datasheet HTML 10Page - Linear Technology LTC690CS8 Datasheet HTML 11Page - Linear Technology LTC690CS8 Datasheet HTML 12Page - Linear Technology LTC690CS8 Datasheet HTML 13Page - Linear Technology LTC690CS8 Datasheet HTML 14Page - Linear Technology LTC690CS8 Datasheet HTML 15Page - Linear Technology LTC690CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC690/LTC691
LTC694/LTC695
Figure 12. Oscillator Configurations
S
APPLICATI
I FOR ATIO
The LTC691 and LTC695 provide an additional output
(Watchdog Output, WDO) which goes low if the watchdog
timer is allowed to time out and remains low until set high
by the next transition on the WDI pin. WDO is also set high
when VCC falls below the reset voltage threshold or VBATT.
The LTC691 and LTC695 have two additonal pins OSC SEL
and OSC IN, which allow reset active time and watchdog
time-out period to be adjusted per Table 2. Several con-
figurations are shown in Figure 12.
OSC IN can be driven by an external clock signal or an
external capacitor can be connected between OSC IN and
GND when OSC SEL is forced low. In these configurations,
the nominal reset active time and watchdog time-out
period are determined by the number of clocks or set by
the formula in Table 2. When OSC SEL is high or floating,
the internal oscillator is enabled and the reset active time
is fixed at 35ms minimum for the LTC691 and 140ms
minimum for the LTC695. OSC IN selectes between the 1
second and 70ms minimum normal watchdog time-out
periods. In both cases, the time-out period immediately
after a reset is at least 1 second.
Figure 11. Watchdog Time-Out Period and Reset Active Time
t1 = RESET ACTIVE TIME
t2 = NORMAL WATCHDOG TIME-OUT PERIOD
t3 = WATCHDOG TIME-OUT PERIOD IMMEDIATELY
AFTER A RESET
VCC = 5V
t2
t3
t1
t1
WDO
WDI
RESET
690 F11
EXTERNAL CLOCK
INTERNAL OSCILLATOR
1.6 SECOND WATCHDOG
INTERNAL OSCILLATOR
100ms WATCHDOG
EXTERNAL OSCILLATOR
GND
GND
GND
GND
VCC
VCC
VCC
OSC SEL
OSC SEL
OSC SEL
OSC SEL
OSC IN
OSC IN
OSC IN
OSC IN
3
3
3
3
4
4
4
4
8
8
8
8
7
7
7
7
VCC
FLOATING
OR HIGH
FLOATING
OR HIGH
LTC691
LTC695
FLOATING
OR HIGH
LTC691
LTC695
LTC691
LTC695
LTC691
LTC695
690 F12
5V
5V
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com