Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC693CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC693CS
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC693CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC693CS Datasheet HTML 5Page - Linear Technology LTC693CS Datasheet HTML 6Page - Linear Technology LTC693CS Datasheet HTML 7Page - Linear Technology LTC693CS Datasheet HTML 8Page - Linear Technology LTC693CS Datasheet HTML 9Page - Linear Technology LTC693CS Datasheet HTML 10Page - Linear Technology LTC693CS Datasheet HTML 11Page - Linear Technology LTC693CS Datasheet HTML 12Page - Linear Technology LTC693CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC692/LTC693
memory backup instead of a battery. The charging resistor
for the rechargeable batteries should be connected to
VOUT since this eliminates the discharge path that exists
when the resistor is connected to VCC (Figure 3).
Replacing the Backup Battery
When changing the backup battery with system power
on, spurious resets can occur while the battery is re-
moved due to battery standby current. Although battery
standby current is only a tiny leakage current, it can still
charge up the stray capacitance on the VBATT pin. The
oscillation cycle is as follows: When VBATT reaches within
50mV of VCC, the LTC692/LTC693 switch to battery
backup. VOUT pulls VBATT low and the devices go back to
normal operation. The leakage current then charges up
the VBATT pin again and the cycle repeats.
If spurious resets during battery replacement pose no
problems, then no action is required. Otherwise, a resistor
from VBATT to GND will hold the pin low while changing the
battery. For example, the battery standby current is 1
µA
maximum over temperature and the external resistor
required to hold VBATT below VCC is:
With VCC = 4.25V, a 3.9M resistor will work. With a 3V
battery, this resistor will draw only 0.77
µA from the
battery, which is negligible in most cases.
S
APPLICATI
I FOR ATIO
The LTC692/LTC693 are protected for safe area operation
with a short circuit limit. Output current is limited to
approximately 200mA. If the device is overloaded for long
periods of time, thermal shutdown turns the power switch
off until the device cools down. The threshhold tempera-
ture for thermal shutdown is approximately 155
°C with
about 10
°C of hysteresis which prevents the device from
oscillating in and out of shutdown.
The PNP switch used in competitive devices was not
chosen for the internal power switch because it injects
unwanted current into the substrate. This current is col-
lected by the VBATT pin in competitive devices and adds to
the charging current of the battery which can damage
lithium batteries. The LTC692/LTC693 use a charge pumped
NMOS power switch to eliminate unwanted charging
current while achieving low dropout and low supply cur-
rent. Since no current goes to the substrate, the current
collected by the VBATT pin is strictly junction leakage.
A 125
Ω PMOS switch connects the VBATT input to VOUT in
battery backup mode. The switch is designed for very low
dropout voltage (input-to-output differential). This feature
is advantageous for low current applications such as
battery backup in CMOS RAM and other low power CMOS
circuitry. The supply current in battery backup mode is
1
µA maximum.
The operating voltage at the VBATT pin ranges from 2.0V to
4.0V. High value capacitors, such as electrolytic or farad-
size double layer capacitors, can be used for short term
Figure 2. Using BATT ON to Drive External PNP Transistor
5V
3V
0.1µF
0.1µF
VBATT
VCC
LTC693
VOUT
GND
4
3
1
2
5
ANY PNP POWER TRANSISTOR
LTC692/3 • F02
BATT ON
Figure 3. Charging External Battery Through VOUT
5V
3V
0.1µF
0.1µF
LTC692/3 • F03
VOUT – VBATT
R
I =
R
VBATT
VCC
LTC692
LTC693
VOUT
GND
R
V
– 50mV
1A
CC
≤
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com