Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1417IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 5Page - Linear Technology LTC1417IGN Datasheet HTML 6Page - Linear Technology LTC1417IGN Datasheet HTML 7Page - Linear Technology LTC1417IGN Datasheet HTML 8Page - Linear Technology LTC1417IGN Datasheet HTML 9Page - Linear Technology LTC1417IGN Datasheet HTML 10Page - Linear Technology LTC1417IGN Datasheet HTML 11Page - Linear Technology LTC1417IGN Datasheet HTML 12Page - Linear Technology LTC1417IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1417
CONVERSION DETAILS
The LTC1417 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 14-bit serial output. The ADC is com-
plete with a precision reference and an internal clock. The
control logic provides easy interface to microprocessors
and DSPs (please refer to Digital Interface section for the
data format).
Conversion start is controlled by the CONVST input. At the
start of the conversion, the successive approximation
register (SAR) is reset. Once a conversion cycle has
begun, it cannot be restarted.
During the conversion, the internal differential 14-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit (LSB).
Referring to Figure 1, the AIN+ and AIN– inputs are con-
nected to the sample-and-hold capacitors (CSAMPLE) dur-
ing the acquire phase and the comparator offset is nulled by
the zeroing switches. In this acquire phase, a minimum
delay of 500ns will provide enough time for the sample-
and-hold capacitors to acquire the analog signal. During
the convert phase, the comparator zeroing switches open,
placing the comparator in compare mode. The input
switches connect the CSAMPLE capacitors to ground,
transferring the differential analog input charge onto the
summing junction. This input charge is successively
compared with the binary weighted charges supplied by
the differential capacitive DAC. Bit decisions are made by
the high speed comparator. At the end of a conversion, the
differential DAC output balances the AIN+ and AIN– input
charges. The SAR contents (a 14-bit data word) that
represent the difference of AIN+ and AIN– are output
through the serial pin DOUT.
DC Performance
One way of measuring the transition noise associated with
a high resolution ADC is to use a technique where a DC
signal is applied to the input of the ADC and the resulting
output codes are collected over a large number of conver-
sions. For example in Figure 2, the distribution of output
code is shown for a DC input that has been digitized 4096
times. The distribution is Gaussian and the RMS code
transition is about 0.33LSB.
Figure 1. Simplified Block Diagram
1417 F01
SHIFT
REGISTER
SAR
CDAC
+
CDAC
–
VDAC
–
VDAC
+
–
+
COMP
DOUT
14
HOLD
HOLD
HOLD
AIN
+
AIN
–
ZEROING SWITCHES
CSAMPLE
–
CSAMPLE
+
HOLD
SAMPLE
SAMPLE
APPLICATIONS INFORMATION
CODE
–2
1500
2000
2500
1
1417 F02
1000
500
0
–1
0
2
3000
3500
4000
Figure 2. Histogram for 4096 Conversions
DYNAMIC PERFORMANCE
The LTC1417 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and
noise performance at the rated throughput. By applying
a low distortion sine wave and analyzing the digital output
using an FFT algorithm, the ADC’s spectral content can be
examined for frequencies beyond the fundamental.
Figure 3 shows a typical LTC1417 FFT plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com