Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLZ5259B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ5259B
Description  Hermetically Sealed Glass Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ5259B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLZ5259B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ5259B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ5259B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLZ5259B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
LLZ5221B
2.4
20
30
1200
100
1.0
LLZ5222B
2.5
20
30
1250
100
1.0
LLZ5223B
2.7
20
30
1300
75
1.0
LLZ5224B
2.8
20
30
1400
75
1.0
LLZ5225B
3.0
20
30
1600
50
1.0
LLZ5226B
3.3
20
28
1600
25
1.0
LLZ5227B
3.6
20
24
1700
15
1.0
LLZ5228B
3.9
20
23
1900
10
1.0
LLZ5229B
4.3
20
22
2000
5.0
1.0
LLZ5230B
4.7
20
19
1900
5.0
2.0
LLZ5231B
5.1
20
17
1600
5.0
2.0
LLZ5232B
5.6
20
11
1600
5.0
3.0
LLZ5233B
6.0
20
7
16900
5.0
3.5
LLZ5234B
6.2
20
7
1000
5.0
4.0
LLZ5235B
6.8
20
5
750
3.0
5.0
LLZ5236B
7.5
20
6
500
3.0
6.0
LLZ5237B
8.2
20
8
500
3.0
6.5
LLZ5238B
8.7
20
8
600
3.0
6.5
LLZ5239B
9.1
20
10
600
2.0
7.0
LLZ5240B
10
20
17
600
1.0
8.0
LLZ5241B
11
20
22
600
0.5
8.4
LLZ5242B
12
20
30
600
0.1
9.1
LLZ5243B
13
9.5
13
600
0.1
9.9
LLZ5244B
14
9.0
15
600
0.1
10
LLZ5245B
15
8.5
16
600
0.1
11
LLZ5246B
16
7.8
17
600
0.1
12
LLZ5247B
16
7.4
19
600
0.1
13
LLZ5248B
18
7.0
21
600
0.1
14
LLZ5249B
19
6.6
23
600
0.1
14
LLZ5250B
20
6.2
25
600
0.1
15
LLZ5251B
22
5.6
29
600
0.1
17
LLZ5252B
24
5.2
33
600
0.1
18
LLZ5253B
25
5.0
35
600
0.1
19
LLZ5254B
27
5.0
41
600
0.1
21
LLZ5255B
28
4.5
44
600
0.1
21
LLZ5256B
30
4.2
49
600
0.1
23
LLZ5257B
33
3.8
58
700
0.1
25
LLZ5258B
36
3.4
70
700
0.1
27
LLZ5259B
39
3.2
80
800
0.1
30
LLZ5260B
43
3.0
93
900
0.1
33
LLZ5261B
47
2.7
105
1000
0.1
36
LLZ5262B
51
2.5
125
1100
0.1
39
LLZ5263B
56
2.2
150
1300
0.1
43
Document Number: DS_S1408020
Version: C15
LLZ5221B - LLZ5263B
Taiwan Semiconductor
Vz @ Izt
(Volts)
Nom
IZT
(mA)
value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS
Device
Notes : 1. The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage
VR
(Volts)
of ±5% in Blue marking, suffix A=±10% in Orange marking and D=±1% in Yellow marking.
2. For detailed information on price, availability and deliver of nominal zener voltages between the voltages shown
Small Signal Product
ZZT @ IZT
(Ω)
Max.
ZZK @ IZK
=0.25mA
(Ω)
Max.
IR @ VR
(μA)
Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com