Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1KB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1KB
Description  1.0AMP Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1KB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1KB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1KB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1KB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1KB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
For surface mounted application
Glass passivated junction chip
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
S1AB
SMB
850 / 7" REEL
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Cj
pF
RθjL
OC/W
TJ
OC
TSTG
OC
Version:F13
S1AB - S1MB
1.0AMP Surface Mount Rectifiers
SMB/DO-214AA
Features
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
Packing code
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminal: Pure tin plated, lead free
Polarity: Indicated by cathode band
Packing: 12mm tape per EIA STD RS-481
Unit
Maximum Repetitive Peak Reverse Voltage
Weight: 0.093 grams
Parameter
Symbol
S1
AB
S1
BB
S1
DB
Packing code
(Green)
R5G
IFSM
30
S1
GB
S1
JB
S1
KB
S1
MB
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
5
uA
50
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
12
Typical Thermal Resistance
30
Operating Temperature Range
- 55 to + 150
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.1
V
R5
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Ordering Information (example)
Part No.
Package
Packing
Typical Junction Capacitance (Note 2)


Similar Part No. - S1KB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1KB SSE-S1KB Datasheet
18Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1KB DIODES-S1KB Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Weitron Technology
S1KB WEITRON-S1KB Datasheet
116Kb / 3P
Surface Mount Standard Recovery Glass Passivated
logo
Taiwan Semiconductor Co...
S1KB TSC-S1KB Datasheet
54Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1KB TSC-S1KB Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1KB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
S1AB TSC-S1AB_11 Datasheet
181Kb / 2P
1.0AMP Surface Mount Rectifiers
S1AL TSC-S1AL_11 Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM Datasheet
312Kb / 4P
1.0AMP Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
logo
Chongqing Pingwei Enter...
M1 CHONGQING-M1_16 Datasheet
199Kb / 1P
1.0AMP. SURFACE MOUNT RECTIFIERS
S1A CHONGQING-S1A_16 Datasheet
198Kb / 1P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
DIYI Electronic Technol...
ER1A DYELEC-ER1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSMA400X HSMC-HSMA400X Datasheet
40Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com