Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS3KB Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS3KB
Description  3.0AMPS High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS3KB Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS3KB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS3KB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS3KB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS3KB Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by ART
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS3AB
SMB
850 / 7" REEL
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HS
3AB
HS
3BB
HS
3DB
HS
3FB
HS
3GB
HS
3JB
HS
3KB
HS
3MB
Unit
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθjA
OC/W
TJ
OC
TSTG
OC
Version:I13
HS3AB - HS3MB
3.0AMPS High Efficient Surface Mount Rectifiers
SMB/DO-214AA
Features
Built-in stain relief, ideal for automatic
placement
High temperature soldering:
260℃/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminal: Pure tin plated, lead free
Polarity: Indicated by cathode band
Packing: 12mm tape per EIA STD RS-481
Weight: 0.093 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Ordering Information (example)
Part No.
Package
Packing
V
Maximum Average Forward Rectified Current
3
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
100
A
uA
250
Maximum Reverse Recovery Time (Note 2)
50
75
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
1.0
1.3
1.7
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical Junction Capacitance (Note 3)
80
50
Typical Thermal Resistance
60
Operating Temperature Range
- 55 to + 150
Packing code
(Green)
R5G
Packing code
R5
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Storage Temperature Range
- 55 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
10


Similar Part No. - HS3KB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3KB TSC-HS3KB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3KB TSC-HS3KB Datasheet
136Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS3KB YANGJIE-HS3KB Datasheet
144Kb / 2P
High Efficient Rectifier
logo
Shenzhen Luguang Electr...
HS3KB LUGUANG-HS3KB Datasheet
243Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
RFE international
HS3KB RFE-HS3KB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3AB Through HS3MB
07-30-2020
More results

Similar Description - HS3KB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
3.0AMPS High Efficient Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
S3A TSC-S3A_11 Datasheet
217Kb / 2P
3.0AMPS Surface Mount Rectifiers
S3AB TSC-S3AB_11 Datasheet
190Kb / 2P
3.0AMPS Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
S3A LUGUANG-S3A Datasheet
224Kb / 2P
3.0AMPS. Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
S3GR6 TSC-S3GR6 Datasheet
211Kb / 2P
3.0AMPS Surface Mount Rectifiers
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
3.0AMPS High Efficient Rectifiers
HS3A TSC-HS3A_13 Datasheet
434Kb / 4P
3.0AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com