Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS2M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS2M
Description  High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS2M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
HS2M
HS2M
HS2M
(TA=25
oC unless otherwise noted)
Document Number: DS_D1407007
Version: H14
HS2A thru HS2M
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING
CODE
GREEN COMPOUND
CODE
PREFERRED P/N
HS2x
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
HS2M R5
HS2M R5G
M4
PACKAGE
PACKING
Prefix "H"
R5
Suffix "G"
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
G
Green compound
SMB
3,000 / 13" Plastic reel
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
Note 1: "x" defines voltage from 50V (HS2A) to 1000V (HS2M)
EXAMPLE
H
R5
AEC-Q101 qualified
HS2MHR5
R5
R5
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=100oC
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
HS2A-HS2D
HS2G
HS2J-HS2M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com