Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0223 Datasheet(PDF) 90 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 86Page - STMicroelectronics PM0223 Datasheet HTML 87Page - STMicroelectronics PM0223 Datasheet HTML 88Page - STMicroelectronics PM0223 Datasheet HTML 89Page - STMicroelectronics PM0223 Datasheet HTML 90Page - STMicroelectronics PM0223 Datasheet HTML 91Page - STMicroelectronics PM0223 Datasheet HTML 92Page - STMicroelectronics PM0223 Datasheet HTML 93Page - STMicroelectronics PM0223 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
STM32L0 Core Peripherals
PM0223
90/110
DocID025763 Rev 1
:
Table 31. ICSR bit assignments
Bits
Name
Type Function
[31]
NMIPENDSET
rw
NMI set-pending bit.
Write:
0 = No effect.
1 = Changes NMI exception state to pending.
Read:
0 = NMI exception is not pending.
1 = NMI exception is pending.
Because NMI is the highest-priority exception, normally the
processor enters the NMI exception handler as soon as it detects
a write of 1 to this bit. Entering the handler then clears this bit to 0.
This means a read of this bit by the NMI exception handler returns
1 only if the NMI signal is reasserted while the processor is
executing that handler.
[30:29] -
-
Reserved.
[28]
PENDSVSET
rw
PendSV set-pending bit.
Write:
0 = No effect.
1 = Changes PendSV exception state to pending.
Read:
0 = PendSV exception is not pending.
1 = PendSV exception is pending.
Writing 1 to this bit is the only way to set the PendSV exception
state to pending.
[27]
PENDSVCLR
w
PendSV clear-pending bit.
Write:
0 = No effect.
1 = Removes the pending state from the PendSV exception.
[26]
PENDSTSET
rw
SysTick exception set-pending bit.
Write:
0 = No effect.
1 = Changes SysTick exception state to pending.
Read:
0 = SysTick exception is not pending.
1 = SysTick exception is pending.
[25]
PENDSTCLR
w
SysTick exception clear-pending bit.
Write:
0 = No effect.
1 = Removes the pending state from the SysTick exception.
This bit is WO. On a register read its value is Unknown.
[24:18] -
-
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com