Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM0804 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0804
Description  EVALSPEAr300 - evaluation board for the SPEAr300
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0804 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0804 Datasheet HTML 3Page - STMicroelectronics UM0804 Datasheet HTML 4Page - STMicroelectronics UM0804 Datasheet HTML 5Page - STMicroelectronics UM0804 Datasheet HTML 6Page - STMicroelectronics UM0804 Datasheet HTML 7Page - STMicroelectronics UM0804 Datasheet HTML 8Page - STMicroelectronics UM0804 Datasheet HTML 9Page - STMicroelectronics UM0804 Datasheet HTML 10Page - STMicroelectronics UM0804 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
UM0804
Features and block diagram
Doc ID 16303 Rev 2
7/25
4
Features and block diagram
4.1
Features
●
SPEAr300 embedded MPU
●
Up to 2 Gb DDR2 333 MHz (std 128 MB)
●
Up to 16 MB Serial Flash memory (std 8 MB)
●
Up to 2 Gb NAND Flash memory (std 64 MB)
●
4 Kb Serial I2C
●
4 Mb SPI Flash memory
●
Two USB 2.0 full Host port channels
●
One USB 2.0 HS Device
●
10/100 Ethernet port
●
One serial port (up to 115 Kbaud)
●
Debug ports (JTAG + ETM9)
●
8 ADC channels (10 bit, 1 Msamples)
●
8 GPIOs
●
LCD I/F up to 24 bits-per-pixel (bpp)
●
SD Card interface
4.2
Block diagram
Figure 3.
Block diagram
 
Debug I/F  
USB2 
 
USB2 
 
USB2 
10/100 
PHY
SPEAr300
 
 
Serial I/F 
 
1
2
8 Channels A2D
LCD I/F
E
2PROM
NOR 
FLASH 
NAND 
FLASH 
Power
Supply 
Expansion Connector Bottom Side
SPI FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com