Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM0214 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 9Page - STMicroelectronics PM0214 Datasheet HTML 10Page - STMicroelectronics PM0214 Datasheet HTML 11Page - STMicroelectronics PM0214 Datasheet HTML 12Page - STMicroelectronics PM0214 Datasheet HTML 13Page - STMicroelectronics PM0214 Datasheet HTML 14Page - STMicroelectronics PM0214 Datasheet HTML 15Page - STMicroelectronics PM0214 Datasheet HTML 16Page - STMicroelectronics PM0214 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 245 page
background image
DocID022708 Rev 4
13/245
PM0214
About this document
244
1.3
About the STM32 Cortex-M4 processor and core peripherals
The Cortex-M4 processor is a high performance 32-bit processor designed for the
microcontroller market. It offers significant benefits to developers, including:
•
outstanding processing performance combined with fast interrupt handling
•
enhanced system debug with extensive breakpoint and trace capabilities
•
efficient processor core, system and memories
•
ultra-low power consumption with integrated sleep modes
•
platform security robustness, with integrated memory protection unit (MPU).
The Cortex-M4 processor is built on a high-performance processor core, with a 3-stage
pipeline Harvard architecture, making it ideal for demanding embedded applications. The
processor delivers exceptional power efficiency through an efficient instruction set and
extensively optimized design, providing high-end processing hardware including IEEE754-
compliant single-precision floating-point computation, a range of single-cycle and SIMD
multiplication and multiply-with-accumulate capabilities, saturating arithmetic and dedicated
hardware division.
Figure 1. STM32 Cortex-M4 implementation
To facilitate the design of cost-sensitive devices, the Cortex-M4 processor implements
tightly-coupled system components that reduce processor area while significantly improving
interrupt handling and system debug capabilities. The Cortex-M4 processor implements a
version of the Thumb® instruction set based on Thumb-2 technology, ensuring high code
density and reduced program memory requirements. The Cortex-M4 instruction set
provides the exceptional performance expected of a modern 32-bit architecture, with the
high code density of 8-bit and 16-bit microcontrollers.
The Cortex-M4 processor closely integrates a configurable nested interrupt controller
(NVIC), to deliver industry-leading interrupt performance. The NVIC includes a non-
maskable interrupt (NMI), and provides up to 256 interrupt priority levels. The tight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com