Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV20WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAV20WS
Description  Two Terminals SMD Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAV20WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAV20WS Datasheet HTML 1Page - TAITRON Components Incorporated BAV20WS Datasheet HTML 2Page - TAITRON Components Incorporated BAV20WS Datasheet HTML 3Page - TAITRON Components Incorporated BAV20WS Datasheet HTML 4Page - TAITRON Components Incorporated BAV20WS Datasheet HTML 5Page - TAITRON Components Incorporated BAV20WS Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/CZ
BAV19WS/BAV20WS/BAV21WS
Two Terminals
SMD Switching Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diodes
Features
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrically Identical to Standard JEDEC
• High conductance
• RoHS compliant
Mechanical Data
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAV19WS
BAV20WS
BAV21WS
Unit
Conditions
VR
Reverse Voltage
100
150
200
V
VRRM
Peak Reverse Voltage
120
200
250
V
IF(AV)
Average Forward Rectified
Current
0.2
A
Half Wave
Rectification with
Resistive Load
and f≥50Hz
IFSM
Peak Forward Surge Current
2.5
A
t=0.001ms
PD
Power Dissipation
200
mW
Derate above
25° C
RthJA
Maximum Thermal Resistance
625
°C/W
TJ,
TSTG
Operating Junction and Storage
Temperature Range
-55 to +150
°C
Case:
SOD-323/SOD-323F, molded plastic
Terminals:
Solderable per MIL-STD-750, Method 2026
Weight:
Approx. 0.004 gram


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
Two Terminals SMD Switching Diode
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
Two Terminals SMD Switching Diode
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS Datasheet
226Kb / 5P
Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
Two Terminals SMD Switching Diodes
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com