Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST9 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 19Page - STMicroelectronics ST9 Datasheet HTML 20Page - STMicroelectronics ST9 Datasheet HTML 21Page - STMicroelectronics ST9 Datasheet HTML 22Page - STMicroelectronics ST9 Datasheet HTML 23Page - STMicroelectronics ST9 Datasheet HTML 24Page - STMicroelectronics ST9 Datasheet HTML 25Page - STMicroelectronics ST9 Datasheet HTML 26Page - STMicroelectronics ST9 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
23/146
ST9 USER GUIDE
To address the 4 Mbytes of memory, the address bus is 22 bits wide. To manage the 22-bit
address with 16-bit direct or indirect addressing, the memory mechanism adds extra bits to the
16-bit address and then works with segments (see Figure 10) or pages (see Figure 13). The
memories are arranged in 64 segments of 64 Kbytes for the program and in 256 segments of
16 Kbytes for data.
A set of special registers is used to extend the 16-bit address. Programs use the CSR, DMA
uses the DMASR or ISR and interrupts use the ISR or CSR register to provide the 6 Most Sig-
nificant Bits to make a 22-bit address. Data uses a set of four registers (DPR0-3) to provide
the 8 Most Significant Bits to make a 14-bit address.
Data can be addressed in the Program segment by using special move instructions: lddp,
ldpp
, ldpd, lddd.
It is easier from a hardware point of view to use only one address space for Program and
Data.
Figure 10
. Addressing via CSR, ISR and DMASR
CSR
DMASR
ISR
1
2
3
16-bit Virtual Address
22-bit Physical Address
6 bits
1
2
3
Fetching program
instruction
Data Memory
accessed in DMA
Fetching interrupt
instruction or DMA
access to Program
Memory
MMU Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com